M5R28RL-R
AI

The **M5R28RL-R** is a specific surface-mount electronic component, typically categorized as a high-performance **Step-Down (Buck) DC-DC Converter** or a specialized **Voltage Regulator**. It is frequently utilized in industrial automation, communication hardware, and power management modules.
---
### 1. Key Technical Specifications
Below are the typical parameters for this series of power management ICs:
| Parameter | Specification (Typical) |
|:---|:---|
| **Input Voltage Range** | 4.5V to 28V |
| **Output Voltage** | Adjustable (often 0.8V to 20V) |
| **Continuous Output Current** | 2A to 3A |
| **Switching Frequency** | 340 kHz to 500 kHz |
| **Package Type** | SOP-8 / SOP-8-EP (Exposed Pad) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Core Functional Parts
The internal architecture of the M5R28RL-R consists of several critical sub-circuits that ensure stable power delivery:
* **Internal MOSFET:** It features an integrated high-side N-channel MOSFET that handles the high-frequency switching.
* **Error Amplifier:** Compares the feedback voltage from the output against an internal reference voltage to maintain regulation.
* **Oscillator:** Generates the fixed frequency for the Pulse Width Modulation (PWM) control.
* **Protection Circuitry:**
* **Over-Current Protection (OCP):** Limits current to prevent damage during a short circuit.
* **Thermal Shutdown:** Automatically turns off the chip if internal temperatures exceed safety limits (usually ~150°C).
* **Under-Voltage Lockout (UVLO):** Ensures the chip doesn't operate if the input voltage is too low to drive the internal gates reliably.
---
### 3. Application Circuit Example
A typical implementation requires a few external passive components to function.
```cpp
// Schematic representation of external components:
[Input Capacitor] -> [M5R28RL-R] -> [Inductor] -> [Output Capacitor]
| |
[Feedback Resistors] [Schottky Diode]
```
1. **Inductor:** Stores energy during the "on" cycle and releases it during the "off" cycle.
2. **Input/Output Capacitors:** Filter out voltage ripples and noise to provide "clean" DC power.
3. **Feedback Network:** Two resistors used to set the desired output voltage level via the `FB` pin.
---
### 4. Typical Use Cases
* **Distributed Power Systems:** Converting a 24V industrial bus down to 5V or 3.3V for microcontrollers.
* **Networking Equipment:** Powering routers, switches, and modems.
* **Consumer Electronics:** Used in LCD TVs and set-top boxes where high efficiency is required to reduce heat.
- ⤷
What are the equivalent alternative parts for the M5R28RL-R?
- ⤷ How do I calculate the feedback resistor values for a 5V output?
- ⤷ What is the importance of the 'Exposed Pad' in the SOP-8 package?