M5R63RH-R
AI

The **M5R63RH-R** is a specific electronic component primarily categorized as a **Surface Mount (SMD) Power Inductor**. These components are critical in power management circuits for energy storage and filtering.
---
### 1. Component Specifications
The nomenclature of the part typically reveals its physical and electrical characteristics. Below is a breakdown of its technical profile:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Fixed Power Inductor |
| **Inductance Value** | **0.63 µH** (indicated by "R63") |
| **Tolerance** | Usually ±20% (standard for power inductors) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Core Material** | Composite Metal Powder or Ferrite (Shielded) |
| **Common Application** | DC-DC Converters, VRM (Voltage Regulator Modules) |
---
### 2. Key Technical Attributes
#### A. High Saturation Current ($I_{sat}$)
The "M" and "R" series inductors are designed to handle high current spikes without the core "saturating." Saturation causes a drop in inductance, which can lead to circuit failure. This part is optimized for stability under heavy loads.
#### B. Low DC Resistance (DCR)
To minimize energy loss as heat, the M5R63RH-R is engineered with very low internal resistance. This increases the overall efficiency of the power supply unit (PSU).
#### C. Magnetic Shielding
The "RH" suffix often denotes a shielded construction. This prevents electromagnetic interference (EMI) from leaking out and affecting sensitive neighboring components on the PCB.
---
### 3. Circuit Usage Example
In a typical buck converter (step-down) circuit, the inductor is placed after the switching transistors to smooth out the current.
```arduino
[Input Voltage] --> [Switching MOSFETs] --> [M5R63RH-R Inductor] --> [Output Capacitor] --> [Load/CPU]
```
### 4. Identification Guide
* **M5:** Series/Size code (usually refers to physical dimensions like 5mm x 5mm).
* **R63:** The value in microhenries (0.63µH).
* **RH:** High-reliability or Shielded designation.
* **-R:** Often indicates compliance with RoHS standards or Tape & Reel packaging.
---
- ⤷
What are the exact physical dimensions of the M5 series package?
- ⤷ What is the typical saturation current rating for a 0.63uH power inductor?
- ⤷ Can this inductor be used in high-frequency automotive applications?