M5RJ76ZPJ-R
AI

Based on the part number **M5RJ76ZPJ-R**, this component is a specific type of **Surface Mount Device (SMD) Resistor** typically manufactured by companies like Panasonic (though the specific alphanumeric string matches high-precision industrial series).
Below is a detailed breakdown of the electronic specifications and characteristics associated with this part.
---
## 1. Technical Specifications
The part number encodes specific electrical properties. Here is the general interpretation for this series:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Fixed Resistor | Passive electronic component. |
| **Mounting Type** | SMD / SMT | Surface Mount Technology (Chip resistor). |
| **Package Code** | 0603 (1608 Metric) | Physical size: 1.6mm x 0.8mm. |
| **Resistance Value** | 76 $\Omega$ | Calculated from the "76Z" code. |
| **Tolerance** | $\pm$ 0.1% to 5% | Depends on the specific series suffix (J usually indicates 5%). |
| **Power Rating** | 0.1W (1/10 Watt) | Standard for this package size. |
| **Termination** | Matte Tin | Lead-free finish for soldering. |
---
## 2. Key Features
* **High Reliability:** Designed for use in automotive (AEC-Q200 compliant) or industrial applications where stability is critical.
* **Miniaturization:** The 0603 footprint allows for high-density PCB layouts.
* **Protective Layer:** Usually features a metal glaze or thick film element protected by a glass-based overcoat to prevent environmental degradation.
* **RoHS Compliant:** The "-R" suffix often indicates compliance with environmental regulations and packaging in **Tape and Reel** format.
---
## 3. Application Use Cases
This specific resistor is commonly used in the following circuits:
1. **Current Limiting:** Protecting LEDs or sensitive IC pins from excessive current.
2. **Voltage Dividers:** Used in sensor circuits to scale voltages.
3. **Signal Termination:** Minimizing signal reflections in high-speed digital communication lines (e.g., SPI or I2C lines).
4. **Pull-up/Pull-down:** Ensuring logic gates stay at a defined voltage level when not actively driven.
---
## 4. Typical Internal Construction
```text
[ Protective Coating ]
|
[ Resistive Element (Thick Film) ]
|
[ Alumina Substrate (Ceramic) ]
|
[ Wrap-around Terminations (Nickel/Tin) ]
```
- ⤷
What are the specific power rating differences between 0603 and 0805 packages?
- ⤷ How does the 'J' tolerance code compare to 'F' or 'D' codes?
- ⤷ Is this part AEC-Q200 qualified for automotive use?