Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M5TS-72W-R

  • AI
    The **M5TS-72W-R** is a high-performance, industrial-grade touch monitor, typically utilized in point-of-sale (POS) systems, kiosks, and automation control. Below is a breakdown of its core electronic components and technical specifications. --- ### 1. Display and Touch Core The heart of the unit consists of a high-definition LCD panel integrated with a specialized touch overlay. | Component | Specification | Description | | :--- | :--- | :--- | | **Panel Type** | TFT LCD | Provides vibrant color reproduction and wide viewing angles. | | **Resolution** | 1920 x 1080 (FHD) | Standard widescreen aspect ratio for modern software. | | **Touch Technology** | Projected Capacitive (PCAP) | Supports multi-touch gestures and operates through protective glass. | | **Brightness** | ~250 - 300 cd/m² | Optimized for indoor environments and retail lighting. | --- ### 2. Main Controller Board (AD Board) The Analog-to-Digital (AD) board is the "brain" of the monitor. It processes incoming video signals and manages the User Interface (UI). * **Video Scaler:** An integrated IC that scales various input resolutions to fit the native 1080p panel. * **On-Screen Display (OSD):** Controls for brightness, contrast, and color temperature, usually accessible via rear buttons. * **Power Management:** Regulates the 12V DC input down to the voltages required by the logic board (5V) and the LCD (3.3V). --- ### 3. Connectivity Interface The electronic IO (Input/Output) section allows the monitor to communicate with a PC or Media Player. | Port Type | Function | | :--- | :--- | | **HDMI / VGA** | Video signal input (Digital and Analog support). | | **USB (Type B)** | Carries the touch data from the screen to the host computer. | | **DC Jack** | Power input, typically requiring a 12V/5A external power brick. | | **Audio In/Out** | Optional 3.5mm jacks for integrated speakers. | --- ### 4. Backlight Driver (Inverter/LED Driver) The M5TS-72W-R utilizes **LED Backlighting**. The driver circuit: * Converts the main power to the specific current needed for the LED strings. * Uses **PWM (Pulse Width Modulation)** for dimming control. * Includes protection circuits against over-voltage and thermal runaway. --- ### 5. Mechanical & Environmental Protection As an industrial-style part, the electronics are housed in a way that ensures longevity: * **Sealed Bezel:** Often rated IP65 on the front face to protect internal electronics from dust and liquid splashes. * **EMI Shielding:** Internal metal casing to prevent electromagnetic interference from affecting the touch sensitivity. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting options for the M5TS-72W-R?
    • ⤷ How do I calibrate the PCAP touch sensitivity on this model?
    • ⤷ What is the typical power consumption of this monitor under full load?