Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M5VF-GZ-R

  • AI
    ### Overview of M5VF-GZ-R The **M5VF-GZ-R** is a specific variant of a subminiature microswitch, typically manufactured by **Omron** (part of the SS/SSG/M5 series lineage). These components are widely used for precision sensing and power management in tight spaces. --- ### Technical Specifications The electronic and physical characteristics of the M5VF-GZ-R are defined by its ability to handle low-to-medium electrical loads with high reliability. | Property | Description | | :--- | :--- | | **Component Type** | Subminiature Basic Microswitch | | **Actuator Type** | Hinge Lever (Usually a standard or short lever) | | **Contact Form** | SPDT (Single Pole Double Throw) | | **Termination Style** | Solder Terminals / PCB Terminals (Variant dependent) | | **Switching Capacity** | Typically 5A at 125/250 VAC | | **Operating Force** | Low to Medium (approx. 0.49 to 1.47 N) | --- ### Key Electronic Components & Features 1. **Internal Contact Mechanism**: Uses a snap-action mechanism. This ensures that the transition between "Normally Open" (NO) and "Normally Closed" (NC) states is instantaneous, regardless of the speed at which the actuator is pressed. This reduces arcing and extends contact life. 2. **Contact Materials**: Usually features **Silver Alloy** contacts. Silver provides excellent conductivity for power applications, though it may develop a thin oxidation layer over time if used in extremely low-current (dry circuit) applications. 3. **Insulation Resistance**: Designed with high-grade thermosetting resin or thermoplastic housings to ensure an insulation resistance of at least **100 MΩ** (at 500 VDC). 4. **Dielectric Strength**: Capable of withstanding roughly **1,000 VAC** between non-continuous terminals for one minute, protecting the circuit from surges. --- ### Typical Pinout Configuration The device generally follows the standard three-terminal microswitch layout: ```text [ Actuator ] / / |---| [3] NO (Normally Open) | | [2] NC (Normally Closed) | | [1] COM (Common) |---| ``` --- ### Applications * **Industrial Automation**: Limit sensing for small robotic arms or conveyor gates. * **Appliances**: Door interlocks for microwaves or sensing water levels in coffee machines. * **Computer Peripherals**: High-durability buttons for specialized input devices. * **Safety Interlocks**: Detecting the presence of panels or covers. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum electrical life expectancy of the M5VF series under full load?
    • ⤷ How does the 'GZ' suffix specifically alter the lever or mounting specifications?
    • ⤷ Are there gold-plated contact versions available for low-current signal switching?