Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M5VS-41W-R

  • AI
    The **M5VS-41W-R** is a specific model within the **M5VS series** of signal conditioners manufactured by **M-System**. This device is a compact, plug-in signal isolator/converter designed for industrial automation and process control. --- ## 1. Technical Specifications Breakdown The alphanumeric code `M5VS-41W-R` describes the hardware configuration and electronic capabilities of the unit: | Code Segment | Feature | Description | | :--- | :--- | :--- | | **M5VS** | Series Name | Ultra-slim (5.9mm wide) Signal Conditioner | | **4** | Input Signal | 0 – 10V DC | | **1** | Output 1 | 4 – 20mA DC | | **W** | Output 2 | 4 – 20mA DC (Dual Output) | | **R** | Power Input | 24V DC | --- ## 2. Key Electronic Components & Features ### Dual Output Functionality The "W" in the model name indicates that this is a **Signal Splitter**. It takes one voltage input (0-10V) and converts it into two independent current outputs (4-20mA). This allows one sensor signal to be sent to two different devices (e.g., a PLC and a local display) simultaneously. ### Isolation Technology The device features **3-way isolation**. This means the electronic circuitry physically and electrically separates: 1. **Input** 2. **Output** 3. **Power Supply** *This prevents ground loops, reduces noise interference, and protects sensitive control equipment from high-voltage surges.* ### Form Factor As part of the M5-unit series, it utilizes a **5.9 mm (0.23") ultra-slim housing**. This high-density design allows for significant space saving on DIN rails in control cabinets. --- ## 3. Electrical Performance Data | Parameter | Value / Range | | :--- | :--- | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 25 ms (0 – 90%) | | **Insulation Resistance** | ≥ 100 MΩ with 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Operating Temperature** | -20 to +65°C (-4 to 149°F) | --- ## 4. Connection Diagram (General) ```text Input (0-10V) ----> [ M5VS-41W-R ] ----> Output 1 (4-20mA) [ Isolation ] ----> Output 2 (4-20mA) [ 24V Power ] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum load resistance for the 4-20mA outputs on this model?
    • ⤷ Can the input range be field-reconfigured to 4-20mA?
    • ⤷ How does 3-way isolation protect a PLC from ground loops?