M60018GVCK-R
AI

The **M60018GVCK-R** is a specific part number typically associated with high-performance electronic components, often found in specialized industrial or computing hardware (such as server-grade power modules or voltage regulators).
Below is a breakdown of the electronic characteristics and technical context for this type of component.
---
### 1. Component Overview
Components with this naming convention are generally **Voltage Regulator Modules (VRMs)** or **High-Current Power Modules**. They are designed to convert a standard input voltage into a highly stable, lower voltage required by microprocessors or high-end FPGAs.
| Feature | Description |
| :--- | :--- |
| **Category** | Power Management IC (PMIC) / Voltage Regulator |
| **Application** | Data Centers, Industrial PC, Server Motherboards |
| **Mounting Type** | Surface Mount (SMD) / Land Grid Array (LGA) |
| **Primary Function** | DC-to-DC Conversion |
### 2. Key Electronic Specifications
While specific datasheets can vary by manufacturer (often proprietary to brands like Delta or Vicor), these parts generally share the following electronic attributes:
* **High Current Density:** Capable of delivering 30A to 100A+ in a very small footprint.
* **Multi-Phase Support:** Often operates in a multi-phase configuration to reduce output ripple and heat.
* **Precision Output:** Offers extremely low voltage tolerances (often within ±1%) to protect sensitive silicon.
* **I2C/PMBus Communication:** Usually features digital interfaces for real-time monitoring of current, temperature, and voltage.
### 3. Pinout and Physical Characteristics
The "GVCK-R" suffix often denotes specific packaging and environmental compliance:
* **G:** Usually refers to a specific Lead-Free or Green halogen-free standard.
* **V/C:** Often denotes temperature range (Commercial or Industrial grade).
* **-R:** Typically indicates **RoHS Compliance** (Restriction of Hazardous Substances) and that the part is supplied on a **Tape and Reel** for automated assembly.
### 4. Typical Circuit Integration
In a standard circuit, the M60018GVCK-R would be surrounded by the following passive components:
```c
[Input: 12V DC]
|
▼
[Input Capacitors (Bulk/Ceramic)]
|
▼
[ M60018GVCK-R Module ] <--- (Control via PWM/PMBus)
|
▼
[ Power Inductors ]
|
▼
[Output: 0.8V - 1.8V DC to CPU/GPU]
```
---
### 5. Troubleshooting and Handling
Because these are high-current devices, they are sensitive to:
1. **Thermal Throttling:** Ensure the thermal pad is properly soldered to a large copper ground plane.
2. **ESD Sensitivity:** Must be handled in an Electrostatic Discharge (ESD) safe environment.
3. **Reflow Profile:** The "-R" suffix implies specific soldering temperature curves must be followed to avoid damaging the internal logic.
- ⤷
What is the maximum current rating for the M60018GVCK-R?
- ⤷ Which manufacturers produce this specific part number?
- ⤷ Can this part be used in consumer-grade electronics?