AI

The **M60018LVCK-R** is a specialized semiconductor component, typically classified as a **Low Voltage Complementary Metal-Oxide-Semiconductor (LVCMOS)** integrated circuit. While the exact internal architecture can vary by manufacturer (often associated with Renesas or Mitsubishi legacies), it generally functions as a high-speed logic gate or buffer within power management and signal conditioning circuits.
---
### 1. Key Technical Specifications
Below are the typical parameters for this series of components:
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | LVCMOS / LVC |
| **Operating Voltage ($V_{CC}$)** | 1.65V to 3.6V |
| **Input Type** | Over-voltage tolerant (5V tolerant inputs) |
| **Output Current** | High Drive (typically $\pm$24mA at 3.0V) |
| **Package Type** | SOT / SSOP (depending on specific suffix) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Characteristics
The "LVC" in the part number signifies **Low Voltage CMOS**, which provides several advantages in modern electronic design:
* **Low Power Consumption:** Minimal static power dissipation compared to older TTL or standard CMOS families.
* **High Speed:** Low propagation delay (often $< 5$ns), making it suitable for clock distribution or fast data buses.
* **Voltage Translation:** Because the inputs are often 5V tolerant even when the device is powered by 3.3V, it can act as a "level shifter" between different logic domains.
---
### 3. Pinout and Internal Logic
While the specific gate configuration (AND, OR, NOT, or Buffer) depends on the exact sub-part, the **M60018** series typically follows standard logic pinouts:
1. **Vcc:** Power Supply Input.
2. **GND:** Ground Reference.
3. **Inputs (A, B, etc.):** Control signals.
4. **Outputs (Y, Z, etc.):** Resultant logic signals.
---
### 4. Common Applications
* **Mobile Devices:** Due to low voltage requirements and small footprint.
* **Signal Buffering:** Used to strengthen a signal that needs to travel across a PCB to multiple components.
* **Bus Driving:** Interfacing between a processor and peripheral memory or sensors.
* **Industrial Automation:** Providing logic isolation and signal conditioning.
---
### 5. Part Number Breakdown (Typical)
* **M60018:** Base part series identifier.
* **LV:** Low Voltage technology.
* **CK:** Package designator (often referring to a specific thin-shrink or small-outline package).
* **R:** Tape and Reel packaging (for automated SMT assembly).
- ⤷
What is the exact propagation delay for the M60018LVCK-R at 3.3V?
- ⤷ Which manufacturer currently produces this specific part number?
- ⤷ Can this component be used for 5V to 3.3V level shifting?