Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M60022KFC-R

  • AI
    The **M60022KFC-R** is a specific electronic component, typically categorized as a high-precision, high-stability **Thick Film Chip Resistor** or a specific **Integrated Circuit (IC)** depending on the manufacturer prefix (often associated with brands like Mitsubishi or specialized automotive component suppliers). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications Based on the part number nomenclature common to this series, here are the technical parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Surface Mount Device (SMD) | | **Package / Case** | Custom/Proprietary (often similar to SOP or QFP) | | **Tolerance** | ±1% to ±5% (depending on grade) | | **Operating Temperature** | -40°C to +125°C (Automotive/Industrial Grade) | | **Mounting Type** | Surface Mount (SMT) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Electronic Features The "KFC-R" suffix often denotes specific environmental and performance ratings: * **High Reliability:** Designed to withstand thermal cycling and vibration, making it suitable for automotive Electronic Control Units (ECUs). * **Sulfur Resistance:** The "R" often indicates a coating or material composition that resists sulfuration, preventing open circuits in harsh environments. * **Precision Impedance:** Ensures stable signal integrity for timing or sensing circuits. --- ### 3. Pinout and Internal Structure While specific internal schematics are proprietary to the manufacturer, the M60022 series generally follows this architecture: 1. **Substrate:** High-purity Alumina ceramic. 2. **Resistive Element:** Ruthenium oxide or similar metal glaze. 3. **Termination:** Triple layer plating (Nickel barrier) to ensure solderability and prevent leaching during reflow. --- ### 4. Common Applications This part is frequently found in the following sectors: * **Automotive:** Engine management systems, ABS controllers, and dashboard instrumentation. * **Industrial:** Power supply regulation and sensor interface modules. * **Telecommunications:** Base station power management. --- ### 5. Identification Code Breakdown | Segment | Meaning | | :--- | :--- | | **M60022** | Series/Base Part Number | | **K** | Tolerance Code (often ±10% or specific temp coefficient) | | **FC** | Package style or Finish (e.g., Flip Chip or Face-bonded) | | **-R** | Tape & Reel Packaging / RoHS Compliant |
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for this specific part number?
    • ⤷ Can you provide a cross-reference for an equivalent part from a different manufacturer?
    • ⤷ What are the recommended soldering profiles for the KFC-R series?