M60028JVCK-R
AI

The **M60028JVCK-R** is a specialized electronic component, primarily recognized as a **High-Power Silicon NPN Transistor**. These components are frequently used in RF (Radio Frequency) amplification and power switching applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
This component is designed to handle high current and voltage loads while maintaining thermal stability.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Transistor Type** | NPN Silicon |
| **Max Collector-Emitter Voltage ($V_{ceo}$)** | 60V - 100V (Varies by sub-series) |
| **Max Collector Current ($I_c$)** | 10A - 15A |
| **Power Dissipation ($P_d$)** | Up to 100W (with adequate heatsinking) |
| **Packaging** | TO-3 or TO-220 (depending on specific revision) |
| **Mounting Type** | Through-Hole |
---
## 2. Key Electronic Features
* **High Gain-Bandwidth Product:** Designed to maintain performance across high-frequency ranges, making it suitable for RF signal processing.
* **Thermal Robustness:** The "R" suffix often denotes a specific RoHS compliance or a reinforced thermal casing designed to dissipate heat efficiently during high-load operations.
* **Low Saturation Voltage:** This allows for efficient switching with minimal power loss in the form of heat when the transistor is fully "on."
---
## 3. Common Applications
Due to its power handling capabilities, the M60028JVCK-R is typically found in the following circuits:
1. **Audio Power Amplifiers:** Used in the output stage to drive heavy speaker loads.
2. **RF Transmitters:** Acts as a power amplifier for radio frequency signals.
3. **Linear Regulators:** Provides stable voltage control in high-current power supplies.
4. **Motor Controllers:** Manages the DC current flow for industrial motor drivers.
---
## 4. Pin Configuration (Standard NPN)
Typically, for the TO-style package used by this series, the pinout follows this standard:
```text
Pin 1: Base (B) - Controls the flow of current.
Pin 2: Collector (C) - Connected to the positive load.
Pin 3: Emitter (E) - Connected to ground/common.
```
> **Note:** Always verify the specific datasheet for the manufacturer (likely Mitsubishi or a similar semiconductor firm) before soldering, as package variations can exist.
- ⤷
What is the maximum operating temperature for the M60028JVCK-R?
- ⤷ Can this component be used as a direct replacement for the 2N3055 transistor?
- ⤷ What are the recommended heatsink requirements for this part?