M60028KFD-R
AI

The **M60028KFD-R** is an integrated circuit, typically belonging to the family of **High-Side Power Switches** or **Intelligent Power Devices (IPDs)**, often manufactured by companies like Renesas or associated with specific automotive/industrial power management applications.
Below is a detailed breakdown of its electronic characteristics and functional blocks.
---
## 1. Core Specifications and Type
The M60028KFD-R is designed to control high-current loads while providing internal protection mechanisms. It acts as a bridge between low-power control logic (like a Microcontroller) and high-power actuators.
| Feature | Description |
| :--- | :--- |
| **Component Type** | N-Channel MOSFET High-Side Switch |
| **Primary Function** | Power Distribution & Load Management |
| **Package Type** | SOP-8 or similar Power-enhanced surface mount |
| **Application** | Automotive Body Electronics, Industrial Solenoids, DC Motors |
---
## 2. Key Internal Electronic Parts
The internal architecture of the M60028KFD-R consists of several critical stages:
### A. Power MOSFET Stage
The heart of the chip is a low on-resistance (**$R_{DS(on)}$**) N-channel MOSFET. This allows the device to switch high currents while generating minimal heat.
### B. Charge Pump
Since it is a High-Side Switch, the Gate voltage must be higher than the Source voltage (which is connected to the Supply). The internal **Charge Pump** boosts the input voltage to ensure the internal N-channel MOSFET stays fully saturated.
### C. Logic Interface
The input pin is typically **TTL/CMOS compatible**, allowing it to be driven directly by a 3.3V or 5V MCU without the need for external buffer transistors.
---
## 3. Protection & Diagnostic Features
The "Intelligent" part of this IC comes from its diagnostic feedback. It protects itself and the load from the following conditions:
* **Over-Temperature Shutdown:** The IC monitors its own junction temperature. If it exceeds a threshold (typically $150^\circ C$), it automatically shuts down to prevent permanent damage.
* **Current Limiting:** If the load draws current beyond the rated capacity (Short Circuit), the IC limits the output current.
* **Over-Voltage Protection:** Protects the internal circuitry from voltage spikes common in automotive environments (Load Dump).
* **Open-Load Detection:** Can detect if the bulb or motor is disconnected while in the "ON" state.
---
## 4. Pinout Logic (General Representation)
While specific pinouts should be verified via the manufacturer datasheet, these devices generally follow this structure:
| Pin | Name | Function |
| :--- | :--- | :--- |
| **1** | **GND** | Ground reference for internal logic |
| **2** | **IN** | Logic input (High = ON, Low = OFF) |
| **3** | **Vcc** | Power Supply Input (Source of load current) |
| **4** | **ST / DIAG** | Status output for diagnostics (Error flag) |
| **5-8** | **OUT** | Output pins to the load (connected to the MOSFET Drain/Source) |
---
## 5. Typical Application Circuit
```cpp
// Logic flow for M60028KFD-R
[MCU GPIO] ----> [IN Pin]
[Battery +] ----> [Vcc Pin]
[OUT Pin] ----> [DC Motor/Solenoid] ----> [Ground]
[ST Pin] ----> [MCU Interrupt/Analog Pin] (Monitoring)
```
- ⤷
What is the maximum current rating (Amperes) for the M60028KFD-R?
- ⤷ How do I interpret the 'ST' diagnostic pin signals during a fault?
- ⤷ Are there equivalent replacement parts for the M60028KFD-R in automotive applications?