M60028LFD-R
AI

The **M60028LFD-R** is a specific integrated circuit (IC) part number, typically associated with specialized power management or signal conditioning, often manufactured by companies like Renesas or Mitsumi.
Below is a breakdown of the electronic characteristics and technical specifications typical for this component.
---
### 1. General Overview
The M60028 series generally refers to **Reset ICs (Voltage Detectors)**. These are critical safety components used to monitor power supply voltages in digital systems (like microcontrollers) to ensure they do not operate under unstable power conditions.
### 2. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Voltage Detector / Reset IC |
| **Detection Voltage** | Fixed threshold (determined by the specific suffix) |
| **Output Type** | CMOS or Open Drain (Commonly Open Drain) |
| **Package Type** | SOT-25 / SC-74A (Small Outline Transistor) |
| **Low Power Consumption** | Typically in the microamp ($\mu A$) range |
| **Mounting Type** | Surface Mount (SMD/SMT) |
### 3. Key Electronic Functions
* **Voltage Monitoring:** The IC continuously monitors the $V_{CC}$ line. If the voltage drops below a pre-defined threshold, the device triggers a reset signal.
* **Reset Delay:** Often includes a built-in delay circuit (using an internal or external capacitor) to ensure the system stays in reset until the power is fully stable.
* **Hysteresis:** It includes a small "hysteresis" voltage to prevent "chatter" (rapid switching) when the input voltage is hovering right at the threshold level.
### 4. Pin Configuration (Typical SOT-25)
Most ICs in this family follow a standard pinout structure:
1. **Vout:** The reset output signal sent to the CPU/MCU.
2. **Vdd:** The power supply input/monitoring pin.
3. **Vss:** Ground (GND).
4. **NC/Cd:** No connect or connection for a delay capacitor.
5. **NC:** No connection.
### 5. Application Areas
* **Consumer Electronics:** Smart TVs, set-top boxes, and audio equipment.
* **Computing:** Monitoring the 3.3V or 5V rails on motherboards.
* **Industrial:** Ensuring PLCs or sensors do not malfunction during brownouts.
---
### Summary Table: M60028LFD-R Decoding
| Part Segment | Meaning |
| :--- | :--- |
| **M60028** | Series Identifier (Voltage Detector) |
| **L** | Detection Voltage Code (Specific to manufacturer table) |
| **FD** | Package Code (e.g., SOT-25) |
| **R** | Taping/Reel Direction (Packaging format) |
- ⤷
What is the specific detection voltage for the 'L' version of this IC?
- ⤷ Can this IC be used with both 3.3V and 5V logic systems?
- ⤷ How do I calculate the reset delay time for this specific model?