M60032LFD-R
AI

The **M60032LFD-R** is a specific surface-mount electronic component, typically categorized as a **Common Mode Choke (Filter)**. These components are essential for electromagnetic interference (EMI) suppression in high-speed data lines and power circuits.
---
### 1. Technical Specifications
Below are the typical technical characteristics associated with this part number (often manufactured by companies like Murata or specialized inductor manufacturers):
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Common Mode Choke / Filter |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Common Mode Impedance** | Usually rated at 100MHz (Specific $\Omega$ varies) |
| **Rated Current** | Typically between 200mA to 2A (Application dependent) |
| **DC Resistance (DCR)** | Low milliohm range to prevent power loss |
| **Operating Temp** | -40°C to +125°C |
| **RoHS Status** | Compliant (Indicated by the "R" or "LF" suffix) |
---
### 2. Functional Description
The M60032LFD-R acts as a dual-winding inductor. Its primary functions include:
* **Noise Suppression:** It filters out "Common Mode" noise (signals that travel in the same direction on both lines) while allowing the "Differential Mode" (the actual data/power signal) to pass through unaffected.
* **Signal Integrity:** By removing high-frequency ripples and EMI, it ensures that sensitive digital signals remain clean.
* **EMI Compliance:** Helps devices meet regulatory standards (like FCC or CE) regarding electromagnetic radiation.
---
### 3. Deciphering the Part Number (Suffixes)
* **LF:** Stands for **Lead-Free**. This indicates the component meets environmental standards and uses lead-free solder plating.
* **D:** Often refers to the **Packaging style** (e.g., specific Diameter of the reel or Taping method).
* **R:** Usually denotes **RoHS Compliance** or **Tape & Reel** packaging for automated pick-and-place assembly.
---
### 4. Common Applications
This part is frequently found in the following circuits:
1. **USB 2.0/3.0 Lines:** Protecting data integrity from external interference.
2. **CAN Bus / Industrial Interface:** Reducing noise in automotive or factory automation environments.
3. **Power Supply Input Filters:** Preventing switching noise from entering the rest of the PCB.
4. **Ethernet Ports:** Filtering high-speed magnetic interfaces.
---
### 5. Identification & Sourcing
If you are looking for a replacement or a datasheet, ensure you verify the **Footprint (Land Pattern)**. Common Mode Chokes come in various sizes (e.g., 0805, 1206, 1812 inches). A mismatch in physical dimensions will prevent the part from fitting on the PCB pads.
- ⤷
What is the exact footprint size for the M60032LFD-R?
- ⤷ How does a common mode choke differ from a standard inductor?
- ⤷ Can I bypass this component if it fails on a PCB?