M6DXAT-5-R
AI

The **M6DXAT-5-R** is a high-performance, shielded power inductor part of the M6DX series. These components are primarily used in power management circuits to manage current flow and store energy in magnetic fields.
---
### 1. Technical Specifications
Below are the typical parameters for the M6DXAT series (specifically the 5.0µH variant):
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 5.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | Low (optimized for efficiency) |
| **Saturation Current (Isat)** | High (designed to prevent core saturation) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded (Low EMI) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Key Features
* **Magnetic Shielding:** The component is enclosed in a magnetic material that prevents electromagnetic interference (EMI) from affecting nearby components on the PCB.
* **High Current Handling:** Designed with thick internal wiring to handle significant power loads without overheating.
* **Compact Footprint:** Part of the "M-series" which focuses on high power density in a small physical volume.
* **AEC-Q200 Compliance:** Often, parts with this nomenclature are tested for automotive-grade reliability (vibration, thermal shock, and moisture resistance).
---
### 3. Common Applications
This inductor is typically found in the following electronic circuits:
1. **DC-DC Converters:** Used as a storage element in buck (step-down) or boost (step-up) regulators.
2. **Automotive Electronics:** Powering Advanced Driver Assistance Systems (ADAS) or infotainment units.
3. **Industrial Power Supplies:** Filtering noise and smoothing current in rugged environments.
4. **Consumer Electronics:** High-efficiency power modules for laptops or servers.
---
### 4. PCB Design Considerations
When implementing this part, consider the following layout tips:
```markdown
* Keep the inductor as close as possible to the switching IC to minimize the current loop.
* Use wide copper traces to handle the rated current and reduce thermal resistance.
* Avoid placing sensitive signal traces directly underneath the inductor to prevent noise coupling.
```
- ⤷
What is the maximum saturation current for the M6DXAT-5-R?
- ⤷ How does magnetic shielding impact the performance of this inductor compared to unshielded versions?
- ⤷ Is this component suitable for high-frequency switching applications above 2MHz?