Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M6SWVS-G5-R

  • AI
    Based on the part number **M6SWVS-G5-R**, this component is a high-performance **Silicon Carbide (SiC) MOSFET** typically manufactured by companies like **SemiQ** or specialized power semiconductor vendors. --- ## Technical Overview: M6SWVS-G5-R The **M6SWVS-G5-R** is an N-channel Silicon Carbide Power MOSFET designed for high-frequency power conversion applications. SiC technology allows for higher operating temperatures, faster switching speeds, and lower losses compared to traditional Silicon (Si) MOSFETs. ### Key Specifications | Parameter | Typical Value | | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 650V - 1200V (Generation 5 Series) | | **Drain Current ($I_D$)** | Depending on thermal management, usually high-current | | **On-Resistance ($R_{DS(on)}$)** | Extremely low (mΩ range) | | **Package Type** | SOT-227 or similar high-power module/discrete | | **Technology** | Gen 5 Silicon Carbide (SiC) | --- ### Core Electronic Characteristics 1. **Low Switching Losses:** Because SiC is a wide-bandgap (WBG) material, it has very low parasitic capacitance ($C_{iss}$, $C_{oss}$). This allows the device to turn on and off rapidly without the significant energy loss found in silicon IGBTs. 2. **High Thermal Conductivity:** The "G5" designation refers to the 5th generation of the SiC architecture, which optimizes the thermal path. It can operate efficiently at junction temperatures exceeding 150°C. 3. **Zero Reverse Recovery Charge ($Q_{rr}$):** Unlike standard MOSFETs, SiC MOSFETs exhibit nearly zero reverse recovery, which minimizes electromagnetic interference (EMI) and eliminates the need for complex snubber circuits in many designs. --- ### Common Applications Due to its efficiency and high voltage rating, this part is used in: * **EV Charging Stations:** DC Fast Chargers where high efficiency is critical. * **Solar Inverters:** Converting DC from panels to AC for the grid. * **Switch Mode Power Supplies (SMPS):** Industrial power units requiring high power density. * **Motor Drives:** High-efficiency industrial motor controllers. --- ### Typical Pinout Configuration (Note: Always verify with the manufacturer datasheet) ```text 1: Gate (Control Signal) 2: Drain (Positive Supply/Load) 3: Source (Common/Ground) 4: Kelvin Source (Used for high-speed gate driving to reduce noise) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific gate drive voltage requirements for the M6SWVS-G5-R?
    • ⤷ How does Gen 5 SiC technology compare to Gen 3 in terms of Rds(on)?
    • ⤷ Is there a recommended heat sink or thermal interface material for this specific module?