Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M7-R6200

  • AI
    The **M7-R6200** typically refers to a high-performance **Industrial Mini PC** or a specialized **Embedded Computing Node** often used in edge computing, industrial automation, or network security. Below is a detailed breakdown of its core electronic components and architecture. --- ## 1. Core Processing Unit (CPU) The "heart" of the M7-R6200 is generally based on the **Intel Core i7-6200U** (Skylake architecture). | Feature | Specification | | :--- | :--- | | **Cores/Threads** | 2 Cores / 4 Threads | | **Base Frequency** | 2.30 GHz | | **Max Turbo Frequency** | 2.80 GHz | | **TDP (Thermal Design Power)** | 15W (Low power consumption) | | **Cache** | 3 MB Intel Smart Cache | ## 2. Memory and Storage Interface These parts handle the data flow and volatile/non-volatile storage. * **RAM (Memory):** Usually supports **DDR3L or DDR4 SO-DIMM** slots. It often handles up to 16GB or 32GB depending on the specific motherboard revision. * **Storage Interfaces:** * **mSATA/M.2 Slot:** For high-speed SSDs. * **SATA 3.0:** Internal connector for 2.5-inch HDD or SSD. * **eMMC:** Some variants include onboard flash storage for the OS. ## 3. Connectivity and I/O Controllers Industrial units like the R6200 are defined by their robust input/output electronics. ### Networking (NICs) Often equipped with multiple **Intel i211/i210 or i225-V** Gigabit Ethernet controllers. These chips are preferred over consumer Realtek chips for their stability and support for virtualization (ESXi, Proxmox). ### Peripheral Ports * **USB Controllers:** Integrated USB 3.0 and 2.0 headers. * **Display Output:** Driven by **Intel® HD Graphics 520**, supporting HDMI and DisplayPort (DP) or VGA. * **Serial Ports:** Includes **RS232/RS485** DB9 headers, controlled by dedicated Super I/O chips (like ITE or Fintek). --- ## 4. Power Management and Thermal Design Because these are often "fanless" designs, the electronic layout is specialized: 1. **DC-DC Converters:** High-quality capacitors and inductors convert 12V–19V wide-range DC input to the lower voltages (1.2V, 3.3V, 5V) required by the logic board. 2. **Passive Cooling:** The CPU is physically bonded to the aluminum chassis via a copper heat spreader or thick thermal pad, turning the entire case into a heatsink. 3. **Watchdog Timer:** An electronic circuit that automatically resets the system if the software freezes, a critical feature for remote industrial sites. ## 5. Summary Table of Electronic Components | Component Group | Common Parts / Technologies | | :--- | :--- | | **Chipset** | Integrated with CPU (System on Chip - SoC) | | **Audio** | Realtek ALC662 HD Audio Codec | | **BIOS** | AMI EFI BIOS (Supports Auto-power on, Wake-on-LAN) | | **Expansion** | Mini-PCIe (often used for Wi-Fi/Bluetooth or 4G LTE modules) | | **Voltage Input** | 12V DC (Standard) or 9V-36V (Wide voltage variants) | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific networking advantages of using Intel i211 controllers in this unit?
    • ⤷ Can the M7-R6200 support 4G/5G modules via its internal PCIe slots?
    • ⤷ How does the fanless thermal design impact the lifespan of the internal capacitors?