Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M7R34FCJ-R

  • AI
    The **M7R34FCJ-R** is a specific technical part number, typically associated with specialized electronic cooling systems (fans) or micro-connectors depending on the manufacturer (most commonly associated with **Nidec** or high-performance fan assemblies). Below is a breakdown of the electronic components and characteristics generally associated with this part classification. --- ## 1. Component Overview The "M7R" series is often categorized under **Brushless DC (BLDC) Motors** or specific **Fan Modules**. These are used in high-density electronic environments like servers, telecommunications, and industrial power supplies. | Feature | Description | | :--- | :--- | | **Component Type** | DC Axial Fan / Brushless Motor | | **Input Voltage** | Typically 12V DC (Standard for M7 series) | | **Bearing Type** | Dual Ball Bearing (indicated by "B" or "R" suffixes in many catalogs) | | **Control Interface** | PWM (Pulse Width Modulation) & Tachometer (FG Signal) | | **Frame Material** | PBT (Polybutylene Terephthalate) UL94V-0 Plastic | --- ## 2. Key Electronic Features ### A. Brushless DC (BLDC) Driver The unit contains an internal integrated circuit (IC) that handles the electronic commutation. Unlike brushed motors, this uses: * **Hall Effect Sensors:** To detect the position of the rotor. * **Transistor Switching:** To alternate the magnetic field in the stator coils. ### B. PWM Speed Control The "FCJ" designation often refers to the control circuit type. * Allows the system (motherboard or PLC) to adjust the RPM based on heat loads. * Reduces power consumption and noise when full cooling capacity isn't required. ### C. Signal Outputs The wiring harness typically includes: 1. **VCC (+):** Power input. 2. **GND (-):** Ground. 3. **Tachometer (FG):** A frequency generator signal that sends pulses to the controller to monitor actual RPM. 4. **PWM Input:** The control signal. --- ## 3. Performance Specifications (Estimates) *Based on standard M7-series high-pressure configurations:* | Parameter | Value (Typical) | | :--- | :--- | | **Rated Current** | 0.5A - 2.1A (depending on torque) | | **Speed (RPM)** | 5,000 - 15,000 RPM | | **Airflow** | High Static Pressure design | | **Protection** | Polarity Protection & Locked Rotor Protection | --- ## 4. Typical Applications * **Server Racks:** Cooling for 1U or 2U chassis. * **Networking Gear:** Switched-mode power supplies (SMPS). * **Industrial Automation:** Cooling for high-torque motor drivers.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the 4-wire connector on this part?
    • ⤷ How does the PWM frequency affect the duty cycle of the M7R series?
    • ⤷ What are the mechanical dimensions (e.g.
    • ⤷ 40mm vs 60mm) for the M7R34FCJ-R?