M7R64FCJ-R
AI

The **M7R64FCJ-R** is a specific part number belonging to a high-performance **Synchronous DRAM (SDRAM)** module, typically used in industrial, networking, or legacy computing equipment.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Core Specifications
This part is a **144-pin Small Outline Dual In-line Memory Module (SO-DIMM)**.
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | SDRAM (Synchronous Dynamic RAM) |
| **Capacity** | 64 Megabytes (MB) |
| **Form Factor** | 144-pin SO-DIMM |
| **Data Rate** | PC100 or PC133 (depending on specific clocking) |
| **Voltage** | 3.3V (Typical) |
| **Organization** | 8M x 64 |
| **Refresh** | 4K Cycles |
---
## 2. Key Electronic Components
### A. Memory Chips (ICs)
The module consists of multiple integrated circuits (usually 4 to 8 chips) soldered onto a PCB. These chips handle the actual data storage using a **Capacitor-Transistor** cell structure.
* **Logical Bank Structure:** Typically organized into 4 internal banks to allow interleaved data access, reducing latency.
* **Interface:** LVTTL (Low Voltage TTL) compatible inputs and outputs.
### B. Serial Presence Detect (SPD)
The board includes a small **EEPROM** (Electrically Erasable Programmable Read-Only Memory) chip.
* **Function:** It stores the module's speed, timing (CAS latency), and density information.
* **Communication:** The system BIOS reads this via the **I2C/SMBus** protocol to automatically configure the memory controller.
### C. Decoupling Capacitors
Small Surface Mount Device (SMD) capacitors are placed near each memory IC.
* **Function:** They filter high-frequency noise and provide local energy storage to handle sudden current spikes during switching, ensuring signal integrity.
---
## 3. Signal and Pin Interface
The 144-pin interface is divided into several functional groups:
1. **Address Lines (A0-A11):** Used to select specific rows and columns within the memory array.
2. **Data Lines (DQ0-DQ63):** The 64-bit wide path for reading and writing data.
3. **Control Signals:**
* **CLK (Clock):** Synchronizes all operations.
* **/CAS (Column Address Strobe):** Latches the column address.
* **/RAS (Row Address Strobe):** Latches the row address.
* **/WE (Write Enable):** Determines if the operation is a Read or Write.
4. **DQM (Data Mask):** Allows the system to mask specific bytes during a write operation.
---
## 4. Usage Environment
Because this is an older SDRAM technology, it is commonly found in:
* **Legacy Industrial PCs:** Controllers for manufacturing lines.
* **Networking Gear:** Older Cisco routers or switches.
* **Embedded Systems:** Single-board computers requiring highly stable, low-density memory.
- ⤷
What is the exact pinout configuration for a 144-pin SO-DIMM?
- ⤷ How does PC100 SDRAM differ from PC133 in terms of timing?
- ⤷ Can this module be replaced with a DDR1 or DDR2 SO-DIMM?