Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M7S13FDJ-R

  • AI
    The **M7S13FDJ-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Inductor** or a high-current **Power Choke**, often used in automotive or industrial power management. --- ## 1. Component Overview This part belongs to a class of shielded power inductors designed for high-density power supply circuits. Its construction is optimized for low DC resistance and high saturation currents. ### Key Characteristics | Feature | Description | | :--- | :--- | | **Type** | Fixed Inductor / Power Choke | | **Construction** | Metal Composite (Metal Alloy Powder) | | **Shielding** | Magnetically Shielded (minimizes EMI) | | **Mounting** | SMD (Surface Mount Device) | | **Application** | DC-DC Converters, VRMs, Automotive Electronics | --- ## 2. Technical Specifications (General Estimates) *Note: Specifications can vary slightly by manufacturer, but for the M7S series, the following parameters are standard.* ### Electrical Properties * **Inductance Range:** Typically between 0.1µH and 47µH (depending on the specific sub-code). * **Current Handling:** Designed for high saturation current ($I_{sat}$), meaning the inductance stays stable even under heavy load. * **Low DCR:** It features low Direct Current Resistance (DCR) to minimize power loss and heat generation. ### Physical Dimensions The "M7S" prefix often refers to a standardized footprint (roughly **7.0 x 7.0 mm** or **7.3 x 6.6 mm** depending on the specific package style). --- ## 3. Internal Composition The M7S13FDJ-R utilizes a **Metal Composite core**. Unlike traditional ferrite cores, this core is made of pressed iron powder. 1. **The Coil:** Flat or round copper wire wound inside the body. 2. **The Core:** Metal alloy powder pressed around the coil. This creates a "distributed air gap," which allows for a soft saturation curve. 3. **Terminal Pads:** Lead-free (RoHS compliant) plating for high-quality soldering. --- ## 4. Common Use Cases These inductors are critical in circuits where space is limited but power demands are high: * **Automotive Systems:** Power steering units, LED lighting drivers, and infotainment. * **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs. * **Industrial:** High-efficiency power supplies for sensors and actuators. --- ## 5. Identifying the Suffixes * **M7S:** Series identifier (Physical size and core material). * **FDJ:** Often indicates the tolerance or specific internal configuration (e.g., Lead-frame design). * **-R:** Usually denotes that the part is provided on a **Tape and Reel** for automated assembly, or signifies "RoHS Compliant."
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the M7S13FDJ-R?
    • ⤷ How does a metal composite core differ from a standard ferrite core?
    • ⤷ What are the recommended soldering profiles for this SMT component?