Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8R13FCJ-R

  • AI
    The **M8R13FCJ-R** appears to be a specific manufacturer part number often associated with **optical transceivers**, typically categorized within the **SFP+ (Small Form-factor Pluggable)** family. These components are essential for high-speed data communication in networking environments. Below is a detailed breakdown of the electronic characteristics and functional aspects of this type of part. --- ### 1. Key Technical Specifications While exact specifications can vary slightly by vendor (e.g., if it is a generic or programmed compatible), these parts generally follow these parameters: | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | 10 Gbps (10GBASE-SR) | | **Wavelength** | 850 nm | | **Media Type** | Multi-Mode Fiber (MMF) | | **Connector** | Duplex LC | | **Distance** | Up to 300m (on OM3 fiber) | | **Voltage Supply** | 3.3V | --- ### 2. Functional Electronic Components The internal architecture of the M8R13FCJ-R consists of several critical electronic sub-systems: #### A. Optical Transmitter (TOSA) * **Laser Diode:** Usually a **VCSEL** (Vertical-Cavity Surface-Emitting Laser) operating at 850nm. It converts electrical signals from the host (switch/router) into light pulses. * **Laser Driver:** An integrated circuit that modulates the electrical current to drive the laser at 10Gbps speeds. #### B. Optical Receiver (ROSA) * **Photodiode:** A PIN photodetector that senses incoming light pulses. * **Transimpedance Amplifier (TIA):** Converts the weak current from the photodiode into a usable voltage signal for the host system. #### C. Control and Monitoring (DDM/DOM) Most modern versions of this part include **Digital Diagnostics Monitoring (DDM)**. This allows the network administrator to monitor real-time parameters via an I2C interface: * Temperature * Supply Voltage * Laser Bias Current * Optical Transmit Power * Optical Receive Power --- ### 3. Pinout Configuration The electrical interface uses a 20-pin gold finger connector. Key pins include: ```markdown Pin 1: VeeT (Transmitter Ground) Pin 2: TX_Fault (Transmitter Fault Indication) Pin 3: TX_Disable (Laser Off Control) Pin 4: SDA (I2C Data Line) Pin 5: SCL (I2C Clock Line) Pin 12: RD- (Receiver Inverted Data Output) Pin 13: RD+ (Receiver Non-Inverted Data Output) Pin 18: TD+ (Transmitter Non-Inverted Data Input) Pin 19: TD- (Transmitter Inverted Data Input) ``` --- ### 4. Applications * **Data Centers:** High-speed links between top-of-rack switches. * **Enterprise Networking:** Connecting core switches to distribution layers. * **Storage Area Networks (SAN):** High-speed data transfer to storage arrays.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SFP and SFP+ in terms of electronic throughput?
    • ⤷ How does the DDM/DOM interface communicate with a network switch?
    • ⤷ What are the power consumption limits for an M8R13FCJ-R module?