Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8R16TAJ-R

  • AI
    ## Analysis of M8R16TAJ-R The **M8R16TAJ-R** is an electronic component manufactured by **Etron Technology**, a company specializing in buffer memories and SoC solutions. Specifically, this part is a **Synchronous Dynamic Random Access Memory (SDRAM)** chip. ### 1. Key Specifications Below are the technical characteristics typically associated with the M8R16TAJ-R series: | Parameter | Specification | | :--- | :--- | | **Component Type** | SDRAM (Synchronous DRAM) | | **Density** | 128 Mb (Megabits) | | **Configuration** | 8M x 16 (8 Megawords x 16 bits) | | **Interface** | LVTTL (Low Voltage Transistor-Transistor Logic) | | **Voltage Supply** | 3.3V (nominal) | | **Clock Frequency** | Typically 143MHz to 166MHz | | **Package Type** | TSOPII (Thin Small Outline Package II), 54-pin | --- ### 2. Functional Description The M8R16TAJ-R is organized as 4 banks of 2,048K x 16 bits. It is designed for high-speed data transfer applications where synchronization with a system clock is required. * **Synchronous Operation:** All inputs and outputs are synchronized to the positive edge of the system clock. * **Programmable Burst Length:** Allows the user to select how many data words are accessed in a single command (1, 2, 4, 8, or full page). * **Auto-Refresh & Self-Refresh:** Supports standard memory maintenance cycles to prevent data loss. * **CAS Latency:** Programmable (usually 2 or 3 cycles) to optimize timing for specific system requirements. --- ### 3. Application Use Cases Due to its density and speed, this specific SDRAM is often found in legacy or embedded systems, including: 1. **Networking Hardware:** Routers, switches, and modems as packet buffers. 2. **Consumer Electronics:** Set-top boxes, digital cameras, and DVD players. 3. **Industrial Controllers:** HMI (Human Machine Interface) panels and programmable logic controllers (PLCs). 4. **Automotive:** Infotainment systems and dashboard displays. --- ### 4. Decoding the Part Number While Etron's naming conventions can vary, the breakdown generally follows this logic: ```text M8R - Density/Series (128Mb) 16 - Data Bus Width (x16) T - Package Type (TSOP) A - Revision/Internal Code J - Speed Grade (e.g., -6 for 166MHz or -7 for 143MHz) R - Packing (Tape and Reel) ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 54-pin TSOPII package?
    • ⤷ What are the specific timing constraints for CAS Latency 3?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like Micron or Samsung?