Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8R24FAJ-R

  • AI
    The **M8R24FAJ-R** is an electronic component manufactured by **ALPS Alpine**. It belongs to the category of **Surface Mount (SMD) Tactile Switches**. These parts are designed to provide physical feedback (a "click") to the user when pressed and are commonly found in consumer electronics and automotive interfaces. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | ALPS Alpine | | **Series** | SKRP Series (Commonly associated) | | **Actuation Type** | Top Actuated | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Force** | Usually 1.6N or 2.5N (Standard tactile range) | | **Operating Life** | ~100,000 to 500,000 cycles | | **Dimensions** | Typically 4.2 × 3.2mm or similar small footprint | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### Key Internal Components 1. **Actuator (Stem):** The physical part you press. In this model, it is designed for a low profile to save vertical space. 2. **Contact Dome:** A metal "snap" dome that provides the tactile sensation. When pressed, it collapses to complete the electrical circuit. 3. **Base/Housing:** Made of heat-resistant plastic (LCP or similar) to withstand the high temperatures of reflow soldering. 4. **Terminals:** Silver-plated or Gold-plated leads for electrical conductivity to the PCB. --- ### Common Applications * **Consumer Electronics:** Smartphones, volume buttons, and power switches. * **Wearables:** Smartwatches and fitness trackers (due to the small footprint). * **Automotive:** Steering wheel controls and dashboard interfaces. * **Industrial:** Reset switches on control boards. --- ### Layout and Soldering The part is designed for automated assembly. Below is a simplified representation of the SMD footprint layout: ```text [ PCB PAD ] +-----------+ | (1) (2) | <-- Terminals 1 and 2 are usually | | connected internally. | (3) (4) | +-----------+ ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact actuation force and travel distance for the M8R24FAJ-R?
    • ⤷ Is this switch rated for waterproof or dustproof environments (IP rating)?
    • ⤷ What are the recommended reflow soldering temperature profiles for this component?