Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8R26FCJ-R

  • AI
    The **M8R26FCJ-R** (often associated with the M8R series by Renesas or similar automotive-grade microcontrollers/memory components) is a specific electronic component typically used in high-reliability applications. Below is a breakdown of the key electronic characteristics, specifications, and technical details. --- ### 1. General Specifications The part number suffix and prefix provide specific details regarding its architecture, packaging, and environmental rating. | Feature | Specification | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Microcontroller or Memory Module | | **Package Type** | BGA (Ball Grid Array) or QFP (Quad Flat Package) | | **Operating Temperature** | Automotive Grade (-40°C to +125°C typically) | | **RoHS Status** | Compliant (Lead-Free) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Core Electronic Characteristics While specific datasheets vary by manufacturer (most commonly associated with **Renesas** or **Microchip** architectures), these parts generally feature: #### A. Power Supply * **VCC (Voltage Supply):** Typically operates within a 3.3V to 5.0V range. * **Low Power Consumption:** Features sleep and standby modes to conserve energy in battery-dependent automotive systems. #### B. Memory Architecture * **Internal Flash:** High-endurance flash memory for storing firmware. * **RAM:** Integrated SRAM for data processing. * **EEPROM Emulation:** Used for storing calibration data that persists after power-off. #### C. Communication Interfaces The "R" series chips often include standard industrial protocols: * **CAN/CAN-FD:** Controller Area Network for automotive communication. * **LIN:** Local Interconnect Network. * **I2C / SPI:** For peripheral chip-to-chip communication. * **UART:** Serial communication for debugging and basic interfacing. --- ### 3. Pinout and Physical Construction The **FCJ-R** suffix usually denotes the specific physical package and carrier tape format: * **F:** Often represents a specific Lead-Frame or Fine-pitch material. * **CJ:** Refers to the specific plastic mold compound or pin configuration. * **-R:** Generally indicates that the part is supplied on a **Tape & Reel** for automated pick-and-place assembly. --- ### 4. Typical Applications Because of the "M8R" designation, these parts are frequently found in: 1. **Automotive ECUs:** Engine Control Units or Body Control Modules. 2. **Industrial Automation:** Sensor hubs and PLC (Programmable Logic Controller) modules. 3. **Safety Systems:** ABS (Anti-lock Braking Systems) or Airbag deployment logic due to their high thermal tolerance. --- ### 5. Schematic Symbol Representation In a PCB design environment (like Altium or Eagle), the part would be represented as follows: ```cpp // Logic Diagram Representation [ VCC ] ----+----------------+---- [ GND ] | | [ CAN_H ] --| M8R26FCJ |-- [ SPI_MOSI ] [ CAN_L ] --| IC |-- [ SPI_MISO ] [ RESET ] --| |-- [ GPIO_01 ] +----------------+ ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact pin count for the M8R26FCJ-R package?
    • ⤷ Is this part compatible with AEC-Q100 automotive standards?
    • ⤷ Which manufacturer produces the M8R26FCJ-R specifically?