Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8R55TAJ-R

  • AI
    The **M8R55TAJ-R** is a specific technical part number, typically associated with high-precision **Magnetic Encoders** or **Rotary Sensor** modules, often manufactured by brands like **Alps Alpine** or specialized industrial electronics suppliers. Below is a breakdown of the electronic components and characteristics associated with this series: ### 1. Component Overview The M8R series generally refers to a **Magnetic Resistance (MR)** sensor element or a complete encoder assembly used to detect rotation, speed, and direction. | Feature | Specification Details | | :--- | :--- | | **Technology** | Anisotropic Magnetoresistive (AMR) or Giant Magnetoresistive (GMR) | | **Output Signal** | Analog Sin/Cos or Digital (depending on the circuit) | | **Mounting Type** | Surface Mount (SMD) or Module Assembly | | **Primary Use** | Non-contact position sensing | --- ### 2. Key Electronic Characteristics These parts are designed for high reliability in harsh environments where optical encoders might fail due to dust or oil. * **Magnetoresistive Element:** The core is a bridge circuit of thin-film resistors whose resistance changes in the presence of a magnetic field. * **High Sensitivity:** Capable of detecting minute changes in magnetic flux from a multi-pole ring magnet. * **Temperature Stability:** Engineered to operate within wide temperature ranges (typically -40°C to +125°C), making them suitable for automotive and industrial motors. * **Resolution:** When paired with an interpolation IC, these parts can achieve high-resolution angular feedback. --- ### 3. Internal Block Diagram Concept While the specific internal schematic is proprietary, most MR sensors like the M8R55TAJ-R follow this architecture: ```mermaid graph LR A[Magnetic Field] --> B(MR Bridge) B --> C{Signal Conditioner} C --> D[V_out Sin] C --> E[V_out Cos] ``` --- ### 4. Common Applications Due to its robust nature, this electronic part is found in: 1. **EPS (Electric Power Steering):** Monitoring the steering wheel angle. 2. **Brushless DC (BLDC) Motors:** Providing rotor position feedback for commutation. 3. **Industrial Robotics:** Detecting joint angles in robotic arms. 4. **Automotive Transmission:** Sensing gear positions. --- ### 5. Part Number Suffix Breakdown (-R) In electronic components, the suffix **-R** usually denotes: * **RoHS Compliance:** The part is lead-free and meets environmental standards. * **Packaging:** Often indicates "Tape & Reel" packaging for automated pick-and-place assembly lines.
    ✨ Follow-up Questions
    • ⤷ What are the voltage requirements for the M8R55TAJ-R sensor?
    • ⤷ Can you provide the pinout diagram for this specific component?
    • ⤷ How does this MR sensor compare to a Hall Effect sensor in terms of accuracy?