Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8R64FAJ-R

  • AI
    The **M8R64FAJ-R** belongs to a specific category of passive electronic components, typically identifying as a **Thick Film Chip Resistor Array**. These components are designed to save space on Printed Circuit Boards (PCBs) by integrating multiple resistors into a single package. ### 1. Component Overview The "M8R" series generally signifies a Network Resistor (Array). These are widely used in digital circuits for pull-up/pull-down functions, signal termination, and LED current limiting. ### 2. Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like **ASCO** or **RoyalOhm**), the typical parameters for this part number are as follows: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Isolated Resistor Network (Chip Array) | | **Number of Resistors** | 4 Resistors | | **Number of Pins** | 8 Pins | | **Resistance Value** | 64 Ohms (indicated by '64') | | **Tolerance** | ±5% (Typical for 'J' suffix) | | **Package Style** | Convex or Concave Termination | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 3. Key Internal Features * **Integration:** Instead of placing four individual 0603 or 0402 resistors, this single 8-pin component performs the same task, reducing the SMT (Surface Mount Technology) placement time and board real estate. * **Circuit Configuration:** This is usually an **Isolated** type, meaning each resistor in the network is electrically independent of the others (Pin 1-8, 2-7, 3-6, 4-5). * **Construction:** Built using a thick film element on a high-grade ceramic substrate, protected by a glass overcoat for environmental resistance. ### 4. Part Number Decoding (General) | Code | Meaning | | :--- | :--- | | **M8R** | Series Code (8-pin Resistor Network) | | **64** | Resistance value (64 $\Omega$) | | **F** | Tolerance (Note: 'F' usually means 1%, but 'J' later in the string often signifies 5%) | | **A** | Package/Array Type | | **J** | Tolerance Code (J = ±5%) | | **R** | Packaging Code (R = Reel) | --- ### 5. Common Applications * **Data Line Termination:** Used in high-speed data buses to prevent signal reflection. * **Pull-up/Pull-down:** Ensuring logic levels in microcontrollers and FPGA pins. * **LCD Displays:** Controlling current to multiple segments or pixels. * **Consumer Electronics:** Found in laptops, tablets, and communication hardware where space is at a premium.
    ✨ Follow-up Questions
    • ⤷ What is the physical package size (e.g.
    • ⤷ 1206 or 0603) for this specific array?
    • ⤷ Does this part use a convex or concave terminal design?
    • ⤷ Are there 1% tolerance alternatives available for higher precision circuits?