Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S12FCJ-R

  • AI
    The **M8S12FCJ-R** (often associated with specific automotive or consumer electronics modules) refers to a microcontroller or integrated circuit component, typically within the **S12 Family** produced by NXP (formerly Freescale). Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Core Architecture The M8S12FCJ-R is built on the **HCS12** core architecture. It is a 16-bit microcontroller designed for robust performance in industrial and automotive environments. | Feature | Specification | | :--- | :--- | | **CPU Core** | 16-bit HCS12 | | **Data Bus** | 16-bit | | **Instruction Set** | CISC (Complex Instruction Set Computer) | | **Operating Voltage** | Typically 3.15V to 5.5V | --- ## 2. Technical Specifications The "FCJ" suffix usually denotes specific memory and package configurations. Here are the typical internal components: ### A. Memory Configuration * **Flash Memory:** Generally 128KB or 256KB (depending on the exact sub-variant). * **RAM:** Integrated Static RAM (SRAM) for data processing. * **EEPROM:** Integrated non-volatile memory for storing calibration data or error logs. ### B. Peripherals & I/O * **ADC:** Multi-channel 10-bit Analog-to-Digital Converter. * **Timers:** Enhanced Capture Timer (ECT) for PWM (Pulse Width Modulation) and frequency measurement. * **Communication Interfaces:** * **CAN:** Controller Area Network for automotive networking. * **LIN:** Local Interconnect Network. * **SPI/I2C:** Serial Peripheral Interface for external sensors. * **SCI (UART):** Standard serial communication. --- ## 3. Package and Environmental Info The suffix **"-R"** typically indicates the packaging type, often referring to **Tape and Reel** for automated assembly. ### Physical Attributes | Attribute | Detail | | :--- | :--- | | **Package Type** | LQFP (Low-profile Quad Flat Pack) | | **Lead Count** | Commonly 48, 64, or 80 pins | | **Temperature Range** | Industrial/Automotive Grade (-40°C to +125°C) | --- ## 4. Common Applications Due to its reliability and specific feature set, this part is found in: * **Automotive Control Units:** Body controllers, lighting modules, and door modules. * **Industrial Automation:** Sensor hubs and motor controllers. * **Consumer Electronics:** High-end appliances requiring 16-bit processing power. --- ## 5. Typical Schematic Representation In an electronic circuit, the M8S12FCJ-R is connected as follows: ```c /* Pinout Logic (Simplified) */ [VSS/VDD] <-- Power Supply (5V) [XTAL/EXTAL] <-- External Crystal Oscillator [RESET] <-- Pull-up Resistor for Startup [CANH/CANL] <-- Connection to Transceiver (e.g., TJA1050) [PA0-PA7] <-- General Purpose I/O for switches/LEDs ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M8S12FCJ-R variant?
    • ⤷ Which development tools are recommended for programming HCS12 microcontrollers?
    • ⤷ Is this part still in active production or has it been superseded?