M8S14FDJ-R
AI

The **M8S14FDJ-R** is a specific surface-mount electronic component, typically categorized as a **Common Mode Choke (Filter)**. These components are essential for electromagnetic interference (EMI) suppression in high-speed data lines.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary technical characteristics:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Common Mode Choke / EMI Filter |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Number of Lines** | 2 Lines (Typical for differential signaling) |
| **Impedance** | Usually rated at 100MHz (Specific ohms vary by sub-version) |
| **DC Resistance (DCR)** | Low resistance to prevent signal attenuation |
| **Current Rating** | Designed for low-power signal applications |
| **Package Size** | Compact footprint (M8S series standard) |
---
### 2. Functional Purpose
The primary role of the M8S14FDJ-R is to manage noise in electronic circuits:
1. **Common Mode Noise Suppression:** It filters out noise that is common to both signal lines (such as interference from radio frequencies or power supplies).
2. **Differential Signal Integrity:** It allows the actual data signal (differential mode) to pass through with minimal distortion.
3. **EMI Compliance:** Helps devices meet regulatory standards (like FCC or CE) by preventing the device from emitting excessive electronic noise.
---
### 3. Internal Structure & Diagram
The device consists of two coils wound around a single ferrite core.
```yaml
Terminal 1 (In) o---(Coil 1)---o Terminal 2 (Out)
(Core)
Terminal 4 (In) o---(Coil 2)---o Terminal 3 (Out)
```
### 4. Typical Applications
This component is frequently found in the following environments:
* **USB 2.0/3.0 Lines:** Protecting data transfer from external noise.
* **HDMI/DisplayPort:** Maintaining high-definition video signal purity.
* **CAN-Bus:** Used in automotive electronics for stable communication.
* **LVDS:** Used in laptop and monitor internal display connections.
---
### 5. Part Number Breakdown (General)
* **M8S:** Refers to the series/form factor (usually a specific molded chip size).
* **14:** Often relates to the impedance code or physical dimensions.
* **FDJ:** Internal material/winding specification code.
* **R:** Usually indicates **Tape & Reel** packaging for automated pick-and-place machines.
- ⤷
What is the maximum current rating for the M8S14FDJ-R?
- ⤷ Can this part be substituted with a standard ferrite bead?
- ⤷ What are the soldering temperature profiles for this SMD component?