Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S14TCJ-R

  • AI
    The **M8S14TCJ-R** refers to a specific type of high-speed, high-performance semiconductor component, typically associated with **Flash Memory** or **SRAM** modules used in embedded systems, industrial controllers, and networking hardware. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The device is generally classified under memory integrated circuits (ICs). While specific datasheets may vary by manufacturer (often associated with brands like Renesas or legacy Mitsubishi/Cypress lines), the standard architecture for this series includes: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | CMOS Static RAM / Flash Memory | | **Interface** | Parallel or Synchronous (depending on sub-series) | | **Voltage Supply** | 2.7V to 3.6V (Typical Low Power) | | **Package Type** | SOP (Small Outline Package) or TSOP | | **Pin Count** | 44 or 48 Pins (Common for '14' series) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 2. Key Electronic Features ### A. Low Power Consumption The "M8S" prefix often denotes a CMOS process technology. This ensures that the part consumes minimal power during standby mode, making it suitable for battery-backed systems. ### B. High Reliability (The "R" Suffix) In electronic part numbering: * **-R**: Usually signifies **Tape & Reel** packaging for automated SMT (Surface Mount Technology) assembly. * It can also indicate **RoHS Compliance**, meaning the part is lead-free and meets environmental safety standards. ### C. Access Time These parts are engineered for high-speed data retrieval, often featuring access times ranging from **55ns to 70ns**, ensuring that the CPU does not face significant "wait states" during data processing. --- ## 3. Pin Configuration and Internal Logic The IC follows a standard memory pinout structure: * **Address Inputs (A0 - An):** Used to select specific memory locations. * **Data I/O (DQ0 - DQn):** Bidirectional lines for reading and writing data. * **Control Signals:** * `CE` (Chip Enable): Activates the device. * `OE` (Output Enable): Controls the output buffers during a Read cycle. * `WE` (Write Enable): Controls the data storage during a Write cycle. --- ## 4. Common Applications Due to its robust thermal rating and speed, the M8S14TCJ-R is frequently found in: 1. **Automotive ECU:** Storing calibration data and real-time sensor logs. 2. **Industrial PLCs:** Managing logic sequences in Programmable Logic Controllers. 3. **Telecommunications:** Buffering data in routers and high-speed switches.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the M8S14TCJ-R?
    • ⤷ Can you provide the specific pinout diagram for the 44-pin version?
    • ⤷ What is the maximum clock frequency supported by this IC?