M8S24FDJ-R
AI

The **M8S24FDJ-R** is a specific part number typically associated with high-density, low-voltage memory modules or specialized integrated circuits (often identified within the ecosystem of SDRAM or embedded storage solutions). Below is a breakdown of the electronic characteristics and specifications generally associated with this component.
---
### 1. Component Overview
The M8S24FDJ-R is categorized as a **DDR4 SDRAM** component, often manufactured by vendors like Micron or specialized memory assemblers. It is designed for high-speed data transfer in computing and networking hardware.
### 2. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Memory Type** | DDR4 SDRAM |
| **Density** | Usually 8Gb (Gigabits) |
| **Voltage (Vdd)** | 1.2V (Low Power) |
| **Data Rate** | Up to 2400 MT/s (Mega-transfers per second) |
| **Configuration** | 1G x 8 or 512M x 16 (Architecture dependent) |
| **Package Type** | FBGA (Fine-pitch Ball Grid Array) |
| **Operating Temp** | 0°C to +95°C (Commercial/Industrial Grade) |
---
### 3. Key Electronic Features
#### A. Power Efficiency
The "FDJ" suffix often denotes specific power-saving features. Operating at **1.2V** significantly reduces power consumption and heat dissipation compared to older DDR3 (1.5V) or DDR3L (1.35V) standards.
#### B. Signal Integrity
* **On-Die Termination (ODT):** Improves signal integrity by reducing reflections on the data bus.
* **Internal Vref Generation:** The chip generates its own reference voltage for data sampling, increasing precision at high speeds.
#### C. Performance Architecture
* **Bank Groups:** Uses a bank-group architecture to allow for concurrent data access, minimizing latency.
* **CAS Latency:** Optimized for low latency (typically CL17 or CL19 depending on the exact clock speed).
---
### 4. Typical Applications
1. **Server Modules:** Used in RDIMMs or LRDIMMs for data centers.
2. **Embedded Computing:** High-performance industrial PCs.
3. **Networking Hardware:** High-speed routers and switches requiring large buffers.
---
### 5. Pin Configuration (FBGA)
As an FBGA component, the part is soldered directly to a PCB using a grid of solder balls. This provides:
* Better thermal conductivity to the PCB.
* Lower inductance for high-frequency signals.
* Smaller physical footprint compared to TSOP packages.
- ⤷
What are the exact pinout differences between the 8Gb and 16Gb versions of this series?
- ⤷ How does the 'R' suffix affect the RoHS compliance or packaging tape-and-reel specifications?
- ⤷ Can this component be used in automotive-grade environments?