Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S24TCJ-R

  • AI
    The **M8S24TCJ-R** refers to a high-speed, Synchronous Content Addressable Memory (SCAM) or specialized SRAM component, typically manufactured by companies like **Renesas** (formerly IDT). These parts are critical for networking infrastructure where rapid table lookups are required. --- ### 1. Key Technical Specifications The "M8" series generally belongs to the family of **Synchronous Search Engines** used for packet processing. | Feature | Specification | | :--- | :--- | | **Component Type** | Synchronous Content Addressable Memory (CAM) | | **Density/Size** | Typically 18Mb or 36Mb (depends on specific sub-series) | | **Interface** | Synchronous, Low Voltage TTL (LVTTL) or HSTL | | **Package Type** | TQFP or BGA (The 'TCJ' suffix usually denotes package/temp) | | **Primary Function** | Address Lookup, Policy Enforcement, ACL Filtering | --- ### 2. Functional Description Unlike standard RAM, where the CPU provides an address to get data, a CAM (like the M8S series) works in reverse: 1. **The Input:** You provide a "search word" (e.g., an IP address). 2. **The Output:** The memory searches its entire database in a single clock cycle and returns the address where that data is stored. #### Internal Architecture: * **Memory Array:** Stores the routing or filtering rules. * **Comparators:** Every memory cell has an associated logic circuit to compare the input bits with the stored bits simultaneously. * **Priority Encoder:** If multiple matches occur, this logic determines which match has the highest priority to return to the system. --- ### 3. Application Use Cases This specific electronic part is designed for high-throughput environments: * **Layer 3 Switches:** Used for IP routing lookups (Longest Prefix Match). * **Firewalls:** Quickly matching packet headers against Access Control Lists (ACLs). * **Quality of Service (QoS):** Identifying traffic types to prioritize bandwidth. * **Network Address Translation (NAT):** Fast mapping of internal to external IP addresses. --- ### 4. Part Number Breakdown (General Pattern) While specific to the manufacturer's datasheet, the suffix code usually breaks down as follows: * **M8S:** Product Family (Search Engine/CAM). * **24:** Density or organization indicator. * **TCJ:** Temperature Grade and Package Code (Industrial/Commercial). * **-R:** Indicates "Tape and Reel" packaging for automated assembly. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between TCAM and standard SRAM in networking?
    • ⤷ What are the power consumption considerations for the M8S series?
    • ⤷ Which manufacturers currently produce equivalents to the M8S24 series?