Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S25FCJ-R

  • AI
    The **M8S25FCJ-R** is a specific technical part number, typically associated with high-precision electronics, often used in automotive or industrial timing and frequency control applications. While full datasheets are proprietary to manufacturers (like Murata or NDK), it is generally identified as a **Crystal Oscillator** or a **MEMS-based** timing component. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the likely technical attributes: | Parameter | Estimated Specification | | :--- | :--- | | **Component Type** | Crystal Oscillator / Frequency Controller | | **Nominal Frequency** | Usually indicated by the series (e.g., 25.000 MHz) | | **Output Type** | CMOS / LVCMOS | | **Supply Voltage** | 1.8V to 3.3V DC | | **Package Size** | Miniature Surface Mount (SMD) | | **Operating Temp** | -40°C to +85°C or +105°C (Industrial/Automotive Grade) | --- ### 2. Functional Breakdown The part consists of several internal sub-sections that allow it to provide a stable clock signal to a microprocessor or PCB. #### A. The Resonator Element * **Material:** Usually a high-purity Quartz crystal or a Silicon MEMS structure. * **Function:** It vibrates at a precise frequency when an electric field is applied (Piezoelectric effect). #### B. Integrated Circuit (IC) * **Oscillation Circuit:** Maintains the vibration of the resonator. * **Buffer/Driver:** Ensures the output signal is strong enough to drive the "Load Capacitance" of the rest of the circuit. * **Temperature Compensation:** Many parts in this series include internal logic to adjust the frequency based on ambient temperature (TCXO capability). #### C. Packaging (The "FCJ-R" Suffix) * **Sealing:** Hermetically sealed to prevent moisture from affecting the frequency. * **Shielding:** The metal or ceramic casing acts as a Faraday cage to reduce Electromagnetic Interference (EMI). * **Tape and Reel ("-R"):** The suffix indicates that the parts are delivered in a reel format for automated Pick-and-Place assembly machines. --- ### 3. Common Applications Due to its small footprint and stability, the M8S25FCJ-R is typically found in: 1. **Automotive Systems:** ADAS cameras, Infotainment systems, and ECU timing. 2. **Consumer Electronics:** Wearables and smart home devices. 3. **Communication:** Wi-Fi modules and Bluetooth Low Energy (BLE) circuits. --- ### 4. Handling and Soldering * **MSL Rating:** Usually Moisture Sensitivity Level 1 (Unlimited floor life). * **Soldering:** Designed for Lead-Free Reflow (RoHS compliant). Excessive heat can "drift" the frequency permanently, so adherence to the thermal profile is critical.
    ✨ Follow-up Questions
    • ⤷ What is the exact nominal frequency for the M8S25FCJ-R?
    • ⤷ Is this part qualified for AEC-Q200 automotive standards?
    • ⤷ What are the pin-out configurations for this SMD package?