M8S26FDJ-R
AI

The **M8S26FDJ-R** is a specialized electronic component, typically identified as a high-performance **Crystal Oscillator** or a frequency control device. These parts are critical in electronic circuits for generating stable clock signals.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The M8S series is known for its reliability and precision. Here is a technical summary of the part's typical attributes:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SPXO - Simple Packaged Crystal Oscillator) |
| **Package Type** | Surface Mount Device (SMD) |
| **Frequency Stability** | High precision (typically ±25ppm to ±50ppm) |
| **Output Type** | CMOS / TTL compatible |
| **Operating Voltage** | Usually 3.3V or 5.0V (depending on the specific sub-series) |
| **RoHS Status** | Compliant (Lead-free) |
---
### 2. Part Number Breakdown
While manufacturer coding can vary slightly (e.g., MtronPTI), the suffixing usually follows this logic:
* **M8S:** Refers to the series/package size (often 5x7mm or similar industrial standard).
* **26:** Often denotes the fundamental frequency or a specific voltage/stability code.
* **F:** Frequency stability indicator.
* **D:** Duty cycle or operating temperature range code.
* **J:** Output type (e.g., CMOS).
* **-R:** Indicates **Tape and Reel** packaging for automated pick-and-place assembly.
---
### 3. Key Electronic Functions
The M8S26FDJ-R performs several vital roles within a PCB assembly:
1. **Clock Generation:** It provides a steady "heartbeat" for microprocessors, FPGAs, and digital signal processors (DSPs).
2. **Timing Precision:** It ensures that data transmission between different integrated circuits (ICs) remains synchronized.
3. **Low Jitter:** Designed to minimize phase noise, which is essential for high-speed communication interfaces.
---
### 4. Typical Applications
This component is commonly found in the following sectors:
* **Telecommunications:** Network routers, switches, and base stations.
* **Industrial Automation:** Control systems requiring stable timing over wide temperature ranges.
* **Computing:** High-end motherboards and peripheral controllers.
---
### 5. Circuit Connection (Example)
In a standard schematic, the oscillator is connected using four primary pins:
```text
Pin 1: NC (No Connect) or Tri-state Enable
Pin 2: Ground (GND)
Pin 3: Output (Frequency Signal)
Pin 4: Supply Voltage (Vcc)
```
- ⤷
What is the exact frequency value for the M8S26FDJ-R?
- ⤷ Can this part be used in automotive-grade environments?
- ⤷ What are the recommended bypass capacitor values for this oscillator?