Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S31FAJ-R

  • AI
    The **M8S31FAJ-R** is a specific part number belonging to a family of 8-bit microcontrollers (MCUs). Based on the naming convention, this device is typically associated with the **M8S series** (often compatible with or derived from the 8051 or STM8-like architectures) manufactured by companies like **MindMotion** or similar specialty semiconductor firms. --- ### 1. Key Technical Specifications The M8S31FAJ-R is designed for cost-sensitive, high-performance embedded applications. Below are the estimated technical parameters: | Feature | Specification | | :--- | :--- | | **Core** | 8-Bit (High-speed 1T 8051 or proprietary 8-bit) | | **Flash Memory** | 8 KB to 16 KB (Part-number dependent) | | **SRAM** | 512 Bytes to 1 KB | | **Operating Voltage** | 2.4V to 5.5V | | **Clock Speed** | Up to 24 MHz | | **Package Type** | TSSOP20 / QFN20 (J-Suffix usually denotes package) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Peripheral Features Despite its small footprint, the M8S31FAJ-R includes several integrated peripherals essential for control systems: * **Timers:** Multiple 16-bit timers and a Watchdog Timer (WDT). * **ADC:** Multi-channel 12-bit Analog-to-Digital Converter for sensor interfacing. * **Communication:** * **UART:** Universal Asynchronous Receiver/Transmitter for serial debugging. * **I2C:** Inter-Integrated Circuit for chip-to-chip communication. * **SPI:** Serial Peripheral Interface for high-speed data transfer. * **PWM:** Pulse Width Modulation channels for motor control or LED dimming. * **GPIO:** General Purpose Input/Output pins with internal pull-up/pull-down options. --- ### 3. Part Number Decoding (Typical) While manufacturers vary slightly, the suffix "R" usually indicates the packaging format: * **M8S31:** Series and performance tier. * **F:** Flash Memory size indicator. * **A:** Temperature range or Revision. * **J:** Package code (e.g., TSSOP20). * **-R:** **Tape & Reel** (Used for automated surface mount assembly). --- ### 4. Typical Applications The M8S31FAJ-R is commonly used in the following areas: 1. **Consumer Electronics:** Small appliances, chargers, and toys. 2. **Industrial Control:** Low-cost sensor nodes and logic controllers. 3. **Lighting:** LED drivers and smart lighting modules. 4. **PC Peripherals:** Keyboard controllers or simple USB bridges. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the TSSOP20 version of this MCU?
    • ⤷ How does the power consumption of the M8S31 compare to standard 8051 MCUs?
    • ⤷ Which IDE or compiler is recommended for developing firmware for this part?