Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S31FBJ-R

  • AI
    The **M8S31FBJ-R** is an 8-bit microcontroller (MCU) from the **M8S Series**, designed by manufacturers like MindMotion. It is optimized for low-cost, high-efficiency embedded applications, particularly those requiring a compact footprint and reliable 8051-compatible processing. --- ### ## 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the M8S31FBJ-R. | Parameter | Specification | | :--- | :--- | | **Core** | High-speed 1T 8051 | | **Operating Voltage** | 2.4V to 5.5V | | **Maximum Frequency** | Up to 24 MHz | | **Flash Memory** | 16 KB | | **SRAM** | 256 Bytes (Internal) + 768 Bytes (External) | | **EEPROM** | Data Flash (Configurable) | | **Package Type** | TSSOP20 | | **Operating Temp** | -40°C to +85°C | --- ### ## 2. Integrated Peripherals The "M8S" architecture includes several hardware modules to reduce the need for external components: * **Timers/Counters:** Includes standard 16-bit timers and a Watchdog Timer (WDT) for system reliability. * **ADC (Analog-to-Digital Converter):** Typically features a 12-bit ADC with multiple channels for sensor interfacing. * **Communication Interfaces:** * **UART:** For serial asynchronous communication. * **SPI:** High-speed synchronous data transfer. * **I2C:** Standard two-wire interface for peripheral ICs. * **PWM (Pulse Width Modulation):** Multi-channel PWM outputs suitable for motor control or LED dimming. --- ### ## 3. Typical Applications Due to its TSSOP20 form factor and 8051 core, this part is commonly found in: 1. **Small Home Appliances:** Control logic for toasters, kettles, or blenders. 2. **Consumer Electronics:** Remote controls, toys, and LED lighting controllers. 3. **Industrial Sensing:** Basic data acquisition and signal processing. 4. **Power Management:** Battery charging circuits and monitoring. --- ### ## 4. Programming and Development The device is generally programmed using standard C compilers compatible with the 8051 instruction set (such as Keil C51). ```c // Example: Basic GPIO Initialization Snippet #include "m8s31fb.h" void main(void) { P1_MODS = 0x01; // Set Port 1.0 as Push-Pull Output while(1) { P1_0 = !P1_0; // Toggle Pin Delay(500); } } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power-saving modes available for the M8S31FBJ-R?
    • ⤷ How does the 1T 8051 core compare to a traditional 12T 8051 in terms of performance?
    • ⤷ What is the pinout configuration for the TSSOP20 package of this MCU?