Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S31TAJ-R

  • AI
    The **M8S31TAJ-R** is an integrated circuit (IC) primarily associated with power management and motor control applications. It is frequently found in specific consumer electronics, such as optical disc drives (DVD/CD players) and small precision motor systems. --- ### 1. General Specifications The device is a multi-channel driver IC designed to manage various actuators and motors within a single system. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Mitsumi (MinebeaMitsumi) | | **Package Type** | SOP (Small Outline Package) or QFP | | **Application** | CD/DVD Loader, Actuator Driver, Motor Control | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Functional Components The "M8" series typically integrates several internal drivers to handle different mechanical movements: 1. **Spindle Motor Driver:** Controls the high-speed rotation of the disc. 2. **Sled Motor Driver:** Controls the radial movement of the optical pickup head. 3. **Loading Driver:** Manages the tray open/close mechanism. 4. **Actuator Drivers (Focus/Tracking):** Provides fine-tuned control for the lens to maintain focus on the disc data pits. --- ### 3. Key Electronic Characteristics * **Voltage Range:** Operates on standard logic and motor supply voltages (typically 5V to 12V depending on the specific application circuit). * **Thermal Protection:** Includes internal thermal shutdown circuits to prevent the chip from burning out during high-load mechanical stalls. * **Bridge Configuration:** Utilizes H-Bridge circuits for bidirectional motor control. * **Muting Function:** Includes a "Mute" or "Standby" pin to reduce power consumption when the device is idle. --- ### 4. Typical Circuit Integration In a standard electronic assembly, the M8S31TAJ-R interacts with the following components: ```mermaid graph LR A[Microcontroller] -- PWM Signals --> B(M8S31TAJ-R) B -- Power Output --> C[Spindle Motor] B -- Power Output --> D[Sled Motor] B -- Power Output --> E[Focus/Tracking Coil] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the pin configurations for the M8S31TAJ-R?
    • ⤷ What are common failure symptoms for this IC in DVD players?
    • ⤷ Is there a direct equivalent or replacement part for this chip?