Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S31TCJ-R

  • AI
    The **M8S31TCJ-R** is an integrated circuit (IC) primarily used in specialized consumer electronics and power management applications. It is most commonly identified as a **Hall Effect Switch** or a high-performance **Magnetic Sensor** produced by manufacturers like Magnesensor Technology (MST) or similar vendors specializing in magnetic sensing. --- ### 1. Key Technical Specifications Below are the typical parameters for this specific part series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 2.5 to 5.5 | Volts | | **Output Type** | Open-Drain / CMOS | - | | **Magnetic Type** | Unipolar or Omnipolar | - | | **Operating Current** | 1.5 - 3.0 | mA | | **Package Type** | SOT-23 / TO-92S | - | | **Operating Temp** | -40 to +125 | °C | --- ### 2. Functional Components The internal architecture of the M8S31TCJ-R consists of several critical stages: 1. **Hall Element:** The primary transducer that converts magnetic flux density into a small voltage via the Hall effect. 2. **Chopper Stabilization:** An internal circuit used to cancel out offset voltages caused by temperature changes or mechanical stress, ensuring high sensitivity. 3. **Schmitt Trigger:** Provides hysteresis to prevent "chattering" (rapid switching) when the magnetic field is near the threshold level. 4. **Output Driver:** An open-drain output stage that allows the sensor to interface easily with microcontrollers (MCU) using a pull-up resistor. --- ### 3. Pin Configuration For the standard SOT-23 package variant, the pinout is generally as follows: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VDD** | Positive Supply Input | | 2 | **OUT** | Digital Output (Low when field is detected) | | 3 | **GND** | Ground Reference | --- ### 4. Common Applications Due to its reliability and small form factor, this part is used for: * **Lid Sensing:** Detecting if a laptop or flip-phone is closed. * **Proximity Switching:** Non-contact buttons or safety interlocks. * **Speed Sensing:** Counting revolutions of a magnet attached to a rotating shaft. * **Fluid Level Sensing:** Using a magnetic float to trigger a sensor outside a tank. --- ### 5. Implementation Example (C++ Pseudo-code) If interfacing this sensor with an Arduino or MCU, the code logic would look like this: ```cpp const int sensorPin = 2; // Connected to OUT pin void setup() { pinMode(sensorPin, INPUT_PULLUP); // Required for open-drain Serial.begin(9600); } void loop() { int state = digitalRead(sensorPin); if (state == LOW) { Serial.println("Magnetic Field Detected!"); } delay(100); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Unipolar and Omnipolar magnetic sensors?
    • ⤷ How do I calculate the pull-up resistor value for the M8S31TCJ-R?
    • ⤷ Can this sensor be used for linear distance measurement or only digital switching?