Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S36TCJ-R

  • AI
    The **M8S36TCJ-R** is a specific electronic component typically identified as a high-performance **Synchronous Static Random Access Memory (SRAM)** chip. These components are designed for high-speed networking, telecommunications, and instrumentation applications where low latency and high reliability are critical. --- ### 1. Technical Specifications Below is a breakdown of the typical architectural features for this class of SRAM: | Feature | Specification | | :--- | :--- | | **Component Type** | Synchronous SRAM (QDR or DDR type) | | **Memory Density** | Often 36 Megabits (Mb) | | **Organization** | Configured as 1M x 36 or 2M x 18 | | **Interface** | HSTL (High-Speed Transceiver Logic) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Operating Voltage** | Core: 1.8V / I/O: 1.5V to 1.8V | | **Clock Frequency** | Up to 333MHz - 450MHz (Application dependent) | --- ### 2. Key Internal Modules The "Electronic Parts" within the chip consist of several specialized circuits: * **Memory Array:** The core storage area consisting of 6-Transistor (6T) cells designed for stability and speed without the need for refreshing (unlike DRAM). * **Clock Circuitry:** Includes internal DLLs (Delay-Locked Loops) to ensure that data output is perfectly synchronized with the system clock edges. * **I/O Buffers:** High-speed HSTL buffers that manage the signal integrity of data entering and leaving the chip at high frequencies. * **Write/Read Control Logic:** Manages the "Echo Clocks" and byte-write capabilities, allowing the system to write to specific segments of the data word. --- ### 3. Pinout and Connectivity As a BGA component, the electrical connections are handled through a grid of solder balls on the underside of the chip. | Signal Group | Description | | :--- | :--- | | **Address Pins (A)** | Selects the specific memory location. | | **Data I/O (DQ)** | The bidirectional path for data transfer. | | **Control (WE#, RE#)** | Write Enable and Read Enable signals. | | **Clock (K, K#)** | Differential clock inputs for timing synchronization. | | **Power (VDD/VDDQ)** | Dedicated pins for internal logic and output driver power. | --- ### 4. Common Usage Scenarios * **Network Routers:** Used as a "Look-up Table" or "Packet Buffer" where extremely fast access is required. * **Cache Memory:** Serving as Level 2 or Level 3 cache for high-end processors. * **Digital Signal Processing (DSP):** Storing temporary data during high-speed math operations.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this SRAM and standard DRAM?
    • ⤷ How do I interpret the 'R' suffix in the part number?
    • ⤷ What are the soldering requirements for the FBGA package?