Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S42TCJ-R

  • AI
    The **M8S42TCJ-R** is a specific part number belonging to a high-speed networking component, typically identified as a **10G/25G SFP28 Optical Transceiver Module**. These modules are critical in data centers and telecommunications for high-bandwidth data transmission. --- ### 1. Key Technical Specifications The following table outlines the primary electronic and optical characteristics of the M8S42TCJ-R: | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP28 (Small Form-factor Pluggable 28) | | **Data Rate** | Up to 25.78 Gbps | | **Wavelength** | 850 nm (Multimode) | | **Connector Type** | Dual LC (Lucent Connector) | | **Fiber Type** | MMF (Multi-Mode Fiber) - OM3/OM4 | | **Max Distance** | 70m (OM3) / 100m (OM4) | | **Power Consumption** | Typical < 1W | | **Operating Voltage** | 3.3V | --- ### 2. Electronic Components & Internal Architecture Inside the M8S42TCJ-R, several electronic sub-systems work together to convert electrical signals into optical pulses: #### A. The Transmitter Path (TOSA) * **Laser Driver:** An integrated circuit that receives the differential electrical signals (25G) from the host board and converts them into current pulses to drive the light source. * **VCSEL (Vertical Cavity Surface Emitting Laser):** The actual semiconductor component that emits 850nm infrared light. #### B. The Receiver Path (ROSA) * **Photodiode (PIN):** Detects incoming optical signals and converts them back into electrical current. * **TIA (Trans-Impedance Amplifier):** Converts the weak current from the photodiode into a usable voltage signal. * **Limiting Amplifier:** Restores the signal levels to be compatible with the host system's high-speed logic. #### C. The Control Logic (Microcontroller) * **EEPROM:** Stores the module's ID, manufacturer data, and serial number (accessible via I2C interface). * **DDM (Digital Diagnostic Monitoring):** Allows the host system to monitor real-time parameters such as temperature, supply voltage, laser bias current, and optical power levels. --- ### 3. Pinout Structure The M8S42TCJ-R utilizes the standard **SFP28 20-pin connector**. Key electronic pins include: 1. **VeeT/VeeR:** Ground pins for transmitter and receiver. 2. **TD+/TD-:** High-speed differential transmit data lines. 3. **RD+/RD-:** High-speed differential receive data lines. 4. **SCL/SDA:** Two-wire serial interface for management (I2C). 5. **Tx_Fault / Tx_Disable:** Logic pins for error reporting and laser control. --- ### 4. Typical Applications * **25G Ethernet:** High-speed switches and routers. * **Data Centers:** Server-to-switch and switch-to-switch interconnects. * **5G Wireless:** Front-haul and back-haul connectivity in telecommunications infrastructure.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption limits for SFP28 modules compared to SFP+?
    • ⤷ How does Digital Diagnostic Monitoring (DDM) report errors to the system?
    • ⤷ What is the difference between OM3 and OM4 fiber performance for this module?