M8S43FDJ-R
AI

The **M8S43FDJ-R** is a specific electronic component, typically identified as a **high-precision, low-profile crystal oscillator** or a specialized **semiconductor module** used in telecommunications and timing circuits.
Below is a breakdown of its electronic characteristics and classifications.
---
### 1. General Specifications
While specific datasheets are often proprietary to manufacturers (like NDK or TXC), parts following this naming convention generally adhere to these parameters:
| Parameter | typical Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (TCXO / VC-TCXO) |
| **Package Type** | Surface Mount Device (SMD) |
| **Frequency Range** | Usually 10MHz to 52MHz (Model specific) |
| **Operating Voltage** | 1.8V to 3.3V DC |
| **Output Type** | Clipped Sine Wave or CMOS |
| **Stability** | ±0.5ppm to ±2.5ppm |
---
### 2. Key Electronic Components & Functions
The M8S43FDJ-R is an integrated assembly consisting of several internal parts:
#### A. Quartz Crystal Blank
* **Function:** Acts as the mechanical resonator.
* **Detail:** A precision-cut quartz wafer that vibrates at a specific frequency when an electric field is applied (Piezoelectric effect).
#### B. Integrated Circuit (IC) / ASIC
* **Function:** Oscillation and Temperature Compensation.
* **Detail:** Contains the transistor-based oscillator circuit and a compensation network that adjusts the capacitance to maintain a steady frequency regardless of temperature fluctuations.
#### C. Varactor Diode (If VC-TCXO)
* **Function:** Frequency Tuning.
* **Detail:** Allows for small adjustments to the output frequency via an external control voltage.
---
### 3. Pin Configuration (Typical 4-Pin Layout)
Most devices in this series utilize a standard 4-pad layout for SMD mounting:
| Pin # | Name | Description |
| :--- | :--- | :--- |
| **1** | Vcont / NC | Voltage Control (for tuning) or No Connection |
| **2** | GND | Ground / Case Connection |
| **3** | Output | Frequency Signal Output |
| **4** | Vcc | Power Supply Voltage |
---
### 4. Common Applications
Due to the high stability indicated by the "FDJ" suffix in many manufacturer catalogs, this part is commonly used in:
* **GPS/GNSS Modules:** Ensuring precise time-to-first-fix.
* **Smartphones:** Providing the reference clock for RF transceivers.
* **IoT Devices:** Low power consumption timing for wireless sensors.
---
### 5. Part Number Breakdown (Generic Industry Logic)
* **M8S:** Often refers to the series/package size (e.g., 2.0 x 1.6mm or 2.5 x 2.0mm).
* **43:** May represent the operating voltage or frequency code.
* **FDJ:** Temperature range and stability code (e.g., -40°C to +85°C).
* **-R:** Indicates "Tape and Reel" packaging for automated assembly.
- ⤷
What is the exact frequency rating for the M8S43FDJ-R in your application?
- ⤷ Do you require the pinout diagram for a specific PCB footprint?
- ⤷ Are you looking for an equivalent replacement or cross-reference part?