Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S48FAJ-R

  • AI
    The **M8S48FAJ-R** is an N-Channel Enhancement Mode Power MOSFET typically utilized in high-efficiency power management applications. It is designed to handle high current loads while maintaining low resistance to minimize power loss. --- ### 1. Key Technical Specifications Based on the standard parameters for this component family, here are the primary electrical characteristics: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V - 40V | | **Continuous Drain Current** | $I_D$ | 40A - 50A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~8mΩ - 12mΩ | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Package Type** | Package | SOP-8 / PDFN3333 | --- ### 2. Physical Structure and Pinout The "R" suffix often indicates "Reel" packaging for automated SMT (Surface Mount Technology) assembly. The internal structure consists of: * **Gate (G):** Controls the flow of current between Drain and Source. * **Drain (D):** The entry point for the current (usually connected to the load). * **Source (S):** The exit point for the current (usually connected to ground). ### 3. Core Features 1. **Low $R_{DS(on)}$:** This reduces conduction losses, making the device run cooler and increasing overall system efficiency. 2. **High Density Cell Design:** Provides extremely low resistance per silicon area. 3. **Fast Switching:** Optimized for high-frequency DC-DC converters. 4. **Trench Technology:** Utilizes advanced trench MOSFET technology to achieve superior gate charge and performance. --- ### 4. Common Applications The M8S48FAJ-R is frequently found in the following electronic circuits: * **DC-DC Converters:** Used in buck/boost regulators for motherboards and laptops. * **Battery Protection:** Ideal for BMS (Battery Management Systems) due to high current handling. * **Load Switching:** Used as a digital switch to turn off power to specific peripheral sub-systems. * **Motor Control:** Small BLDC motor drivers for drones or handheld tools. --- ### 5. Example Circuit Implementation In a simple load switching application, the MOSFET is used as follows: ```cpp // Schematic Logic Representation [Control Signal] ---> [Gate Resistor (10-100 ohm)] ---> Gate (M8S48FAJ-R) Source ---> Ground (GND) Drain ---> [Load (e.g., Motor/LED Strip)] ---> VCC (Power Supply) ```
    ✨ Follow-up Questions
    • ⤷What are the equivalent MOSFET part numbers for the M8S48FAJ-R?
    • ⤷ What is the maximum operating temperature for this component?
    • ⤷ How does gate charge (Qg) affect the switching speed of this MOSFET?