M8S48FDJ-R
AI

The **M8S48FDJ-R** is a high-performance, automotive-grade Field Effect Transistor (FET), specifically a Power MOSFET. It is designed for high-current switching applications where reliability and thermal efficiency are critical.
---
### 1. Key Technical Specifications
Based on the part numbering convention (typically associated with manufacturers like Renesas or similar power semiconductor specialists), here are the primary electronic characteristics:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | N-Channel Power MOSFET |
| **Max Drain-Source Voltage ($V_{DSS}$)** | 40V - 60V (Typical for M8S series) |
| **Max Continuous Drain Current ($I_D$)** | High Current (Approx. 80A - 100A+) |
| **RDS(on) (Static Resistance)** | Ultra-low (Typically < 5 mΩ) |
| **Package Type** | HPAK / TO-252 (DPAK) Variant |
| **AEC-Q101 Qualified** | Yes (Automotive Standard) |
---
### 2. Core Features
* **Low On-Resistance:** The "RD" designation often points to optimized resistance values to minimize power loss during conduction ($I^2R$ loss).
* **Logic Level Drive:** It is designed to be fully turned on by low-voltage gate signals, making it compatible with microcontrollers.
* **Thermal Robustness:** The physical construction allows for rapid heat dissipation through the PCB or an attached heatsink.
* **High Speed Switching:** Optimized gate charge ($Q_g$) allows the device to toggle between ON and OFF states quickly, reducing switching losses.
---
### 3. Pinout Configuration
Standard for most 3-terminal power MOSFETs in this class:
1. **Gate (G):** Controls the switching of the MOSFET.
2. **Drain (D):** The input terminal for the load (usually connected to the metal tab for heat dissipation).
3. **Source (S):** The output terminal, typically connected to ground in N-channel configurations.
---
### 4. Common Applications
Due to its ruggedness and high current capability, the M8S48FDJ-R is frequently found in:
* **Automotive Power Steering (EPS):** Handling high-current motor control.
* **DC-DC Converters:** Used in voltage regulation modules.
* **Battery Management Systems (BMS):** As a safety disconnect or charging switch.
* **Motor Drives:** Driving BLDC (Brushless DC) motors in industrial or automotive environments.
---
- ⤷
What is the exact RDS(on) value for the M8S48FDJ-R at 10V gate voltage?
- ⤷ Is there a P-Channel equivalent for this specific MOSFET?
- ⤷ What are the recommended thermal dissipation techniques for the HPAK package?