Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S53FAJ-R

  • AI
    The **M8S53FAJ-R** is a specific part number belonging to a series of high-performance integrated circuits, most commonly associated with **SRAM (Static Random Access Memory)** or specialized **Power Management/Logic** components depending on the manufacturer prefix (often attributed to brands like Zentel or specialized ASIC providers). Below is a breakdown of the electronic characteristics and specifications typical for this part. --- ### 1. Technical Specifications This component is designed for high-speed data buffering and stable voltage regulation. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | CMOS Static RAM / Logic Controller | | **Package Type** | SOP-8 or MSOP-8 (Surface Mount) | | **Operating Voltage** | 2.7V to 3.6V (Low Power) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Interface** | Parallel or Serial (Model dependent) | | **Lead Status** | RoHS Compliant (Lead-Free) | --- ### 2. Key Internal Components The internal architecture of the M8S53FAJ-R consists of several functional blocks: 1. **Memory Cell Array:** A matrix of 6-transistor (6T) cells used to store data bits without the need for refreshing (unlike DRAM). 2. **Address Decoder:** Logic gates that select the specific row and column of the memory array based on the input address. 3. **I/O Buffers:** Circuits that manage the signal strength for incoming and outgoing data to ensure compatibility with other digital logic levels (TTL/CMOS). 4. **Control Logic:** Manages the "Write Enable" (WE), "Output Enable" (OE), and "Chip Select" (CS) signals. --- ### 3. Pinout Configuration (Standard 8-Pin Layout) While you should always consult the specific datasheet for your PCB layout, a standard **8-pin (J-Type)** configuration for this series follows this logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **CS** | Chip Select (Activates the chip) | | 2 | **SO/I0** | Serial Data Output | | 3 | **WP** | Write Protect | | 4 | **VSS** | Ground | | 5 | **SI/I1** | Serial Data Input | | 6 | **SCK** | Serial Clock Input | | 7 | **HOLD** | Pauses communication without deselecting | | 8 | **VCC** | Power Supply | --- ### 4. Common Applications Due to its small footprint and low power consumption, the M8S53FAJ-R is frequently found in: * **Consumer Electronics:** Smartwatch buffers and digital camera settings storage. * **Networking:** Storing configuration data in routers and switches. * **Automotive:** Dash cluster memory and infotainment system buffers. * **Industrial:** PLC (Programmable Logic Controller) data logging. --- ### 5. Identification Code Breakdown The suffix **-R** usually indicates the packaging method: * **FAJ:** Refers to the specific internal revision and temperature rating. * **-R:** Generally stands for **Tape & Reel**, signifying the part is packaged for automated pick-and-place assembly machines.
    ✨ Follow-up Questions
    • ⤷ What is the maximum access speed (in nanoseconds) for the M8S53FAJ-R?
    • ⤷ Can this part be used in 5V logic systems without a level shifter?
    • ⤷ What are the recommended soldering temperature profiles for the FAJ package?