Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S53TCJ-R

  • AI
    The **M8S53TCJ-R** is an electronic component typically categorized as a **Surface Mount Device (SMD)** specifically used in power management and signal filtering circuits. Based on common industry nomenclature, this part belongs to the family of **Molded Power Inductors** or specific magnetic components used in automotive and industrial electronics. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like Cyntec or Delta), the M8S53TCJ-R generally follows these parameters: | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | Molded Power Inductor | | **Package Size** | 8.0mm x 8.0mm (approximate) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Metal Alloy / Carbonyl Powder | | **Shielding** | Magnetically Shielded | | **Application** | DC-DC Converters, VRM modules | --- ### 2. Key Features * **High Current Handling:** Designed to manage high saturation currents without significant inductance drop. * **Low DCR (DC Resistance):** Minimized internal resistance to reduce power loss and heat generation. * **Magnetic Shielding:** The molded construction minimizes Electromagnetic Interference (EMI), which is crucial for dense PCB layouts. * **AEC-Q200 Compliance:** Often rated for automotive use, meaning it can withstand high vibration and wide temperature fluctuations. --- ### 3. Part Number Breakdown (Typical) Electronic part numbers are often "smart" codes. For the M8S53 series: * **M8:** Often refers to the series or physical size (8mm class). * **S53:** May refer to the height profile (e.g., 5.3mm) or a specific material grade. * **TCJ:** Represents the inductance value and tolerance (e.g., 4.7µH or 10µH depending on the specific manufacturer's table). * **-R:** Usually signifies **RoHS Compliance** or **Tape & Reel** packaging. --- ### 4. Common Applications These parts are found in circuits where stable power delivery is required: 1. **Automotive Electronics:** Infotainment systems and ADAS sensors. 2. **Computing:** High-efficiency voltage regulator modules (VRMs) for CPUs/GPUs. 3. **Telecom:** Base station power supplies. --- ### 5. Technical Precautions ```markdown * Reflow Soldering: Ensure the temperature profile matches J-STD-020 standards to prevent internal core cracking. * Saturation Current (Isat): Do not exceed the rated Isat, or the inductance will drop sharply, potentially damaging the MOSFETs in your circuit. * Operating Temperature: Typically rated for -40°C to +125°C. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value (uH) for the TCJ code?
    • ⤷ Which manufacturer produces the M8S53TCJ-R?
    • ⤷ What are the recommended footprint dimensions for this SMD component?