Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S55FAJ-R

  • AI
    The **M8S55FAJ-R** is an electronic component, typically classified as a specialized connector or a surface-mount device (SMD) often associated with high-speed data transmission or board-to-board connectivity in consumer electronics. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed for precision signal integrity and space-saving on printed circuit boards (PCBs). | Feature | Description | | :--- | :--- | | **Component Type** | Board-to-Board / High-Speed Connector | | **Mounting Style** | Surface Mount (SMT) | | **Orientation** | Right Angle or Vertical (Application dependent) | | **Termination** | Solder | | **RoHS Status** | Compliant (Lead-free) | --- ### 2. Key Technical Attributes The "FAJ-R" suffix often indicates specific packaging (like Tape & Reel) or slight variations in housing material. * **Contact Material:** Usually high-conductivity copper alloy with gold plating to prevent oxidation and ensure low contact resistance. * **Insulation Resistance:** Typically rated at **500MΩ** or higher to prevent current leakage between adjacent pins. * **Voltage Rating:** Generally rated for low voltage DC (e.g., 30V to 100V AC/DC) common in mobile devices and peripherals. * **Durability:** Rated for a specific number of mating cycles (e.g., 30 to 50 cycles) before signal degradation occurs. --- ### 3. Pin Layout and Footprint To integrate this part into a schematic, the PCB designer must adhere to the physical footprint. ```c /* Example PCB Footprint Considerations */ - Pitch: The distance between pin centers (typically 0.4mm or 0.5mm). - Pad Size: Usually requires precision stencil for solder paste application. - Alignment: Features "bosses" or alignment pegs to ensure centered mounting. ``` --- ### 4. Common Applications Due to its compact nature, the M8S55FAJ-R is frequently found in: 1. **Smartphones:** Connecting the main logic board to sub-boards (charging ports/speakers). 2. **Laptops:** Used for internal ribbon cable connections to displays or trackpads. 3. **Wearables:** Ideal for smartwatches where internal volume is extremely limited. 4. **Industrial Modules:** Used in compact sensor arrays and IoT modules. --- ### 5. Identification and Handling * **Packaging (-R):** The "-R" suffix usually denotes **Reel** packaging, intended for automated Pick-and-Place assembly lines. * **Storage:** Sensitivity to moisture (MSL rating) is usually Level 1 or 2, requiring dry storage to prevent "popcorning" during reflow soldering.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M8S55FAJ-R variant?
    • ⤷ Can you provide the recommended reflow soldering profile for this component?
    • ⤷ Are there any equivalent cross-references from manufacturers like Hirose or Molex?