Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S72FBJ-R

  • AI
    The **M8S72FBJ-R** is an integrated circuit, specifically a member of the **M8S series** of microcontrollers (MCUs). These chips are designed for cost-effective, high-performance applications in embedded systems, often utilized in automotive, industrial control, and consumer electronics. --- ### 1. Key Technical Specifications Below is a breakdown of the typical architecture and technical parameters for this part: | Feature | Specification (Typical) | | :--- | :--- | | **Core** | High-speed 8-bit or 32-bit (depending on specific sub-family) | | **Operating Voltage** | 2.0V to 5.5V | | **Flash Memory** | 8KB to 32KB (Model specific) | | **RAM** | 1KB - 2KB | | **I/O Pins** | Up to 18-20 GPIOs | | **Clock Speed** | Up to 16MHz / 24MHz | | **Package Type** | TSSOP20 / QFN20 | --- ### 2. Functional Components The "Electronic Parts" within the silicon die of the M8S72FBJ-R include several specialized modules: #### A. Power Management System * **LVR (Low Voltage Reset):** Automatically resets the chip if the voltage drops below a safe threshold to prevent data corruption. * **WDT (Watchdog Timer):** Monitors system crashes and reboots the MCU if the software hangs. #### B. Connectivity & Communication * **UART:** For serial communication with sensors or PCs. * **I2C / SPI:** Master/Slave interfaces for connecting to EEPROMs, OLED displays, or other peripherals. * **PWM (Pulse Width Modulation):** Used for controlling motor speeds or LED brightness. #### C. Analog-to-Digital Conversion (ADC) * Equipped with a multi-channel **10-bit or 12-bit ADC**, allowing the chip to interpret analog signals from temperature sensors, potentiometers, or battery levels. --- ### 3. Application Use Cases Due to its compact size and low power consumption, the M8S72FBJ-R is frequently used in: 1. **Small Household Appliances:** Toasters, blenders, and coffee machine controllers. 2. **Smart Lighting:** LED drivers with dimming and color control. 3. **Automotive Body Electronics:** Window lifters, wiper controls, and lighting modules. 4. **Battery Management:** Monitoring charge levels in portable tools. --- ### 4. Part Number Breakdown (Generic) While manufacturers have unique codes, the suffix `-R` usually indicates **Tape & Reel** packaging, designed for high-speed automated SMT (Surface Mount Technology) assembly lines. ---
    ✨ Follow-up Questions
    • ⤷What is the exact manufacturer of the M8S72FBJ-R?
    • ⤷ Can this chip be programmed using standard C compilers?
    • ⤷ What are the pin-compatible alternatives for this MCU?