Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8S72TAJ-R

  • AI
    Based on the part number **M8S72TAJ-R**, this component is a high-performance **eMMC (embedded MultiMediaCard)** storage module, typically manufactured by **SK hynix**. These components are widely used in smartphones, tablets, and automotive infotainment systems for non-volatile data storage. --- ### 1. Key Technical Specifications The "M8" series generally refers to the eMMC 5.1 standard interface, which balances speed and reliability. | Feature | Specification | | :--- | :--- | | **Interface** | eMMC 5.1 | | **Capacity** | 32GB (Standard for this series prefix) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Voltage (Core)** | 1.70V - 1.95V (Vccq) / 2.7V - 3.6V (Vcc) | | **Temperature Range** | Industrial/Standard (-25°C to +85°C) | | **Compliance** | JEDEC Standard compliant | --- ### 2. Architecture and Internal Components The M8S72TAJ-R is a "managed" NAND solution, meaning it contains two primary internal sections: 1. **NAND Flash Die:** The raw storage area where data is physically written. It typically utilizes MLC (Multi-Level Cell) or TLC (Triple-Level Cell) technology. 2. **Embedded Controller:** This is the "brain" of the chip. It handles complex flash management tasks including: * **Wear Leveling:** Ensuring all flash cells wear out evenly. * **Bad Block Management:** Mapping out defective sectors. * **Error Correction Code (ECC):** Fixing data corruption on the fly. * **Garbage Collection:** Optimizing free space for write performance. --- ### 3. Pinout and Physical Characteristics The "AJ" in the suffix usually denotes the specific ball map configuration. * **BGA 153:** This chip typically uses a 153-ball layout, which is the industry standard for eMMC. * **Dimensions:** Roughly 11.5mm x 13mm, though thin-profile versions exist. * **Data Bus:** Supports 1-bit, 4-bit, or 8-bit data bus widths, allowing for high-speed data transfer (HS400 mode). --- ### 4. Common Applications Due to its integrated controller, it is easier for engineers to implement than raw NAND. * **Smart TVs:** Storing the OS and apps. * **IoT Gateways:** Buffering data before sending it to the cloud. * **Set-Top Boxes:** Fast booting and firmware storage. * **Automotive:** Dash-cams or GPS navigation maps (if automotive-grade). ---
    ✨ Follow-up Questions
    • ⤷ What are the read/write speeds for the HS400 mode in this eMMC?
    • ⤷ How does eMMC 5.1 compare to UFS storage in terms of performance?
    • ⤷ What is the specific storage capacity associated with the 'S72' density code?