Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8YV-066-R/F

  • AI
    The **M8YV-066-R/F** is a specialized electronic component typically associated with high-precision motion control systems, specifically **stepping motors** or **servo motor modules** produced by manufacturers like Mitsubishi Electric or associated industrial automation brands. --- ### 1. Technical Specifications While specific data can vary based on the production year, the part number follows standard industrial conventions: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Stepping Motor / Integrated Driver Unit | | **Phase** | 2-Phase or 5-Phase (Model dependent) | | **Voltage Rating** | 24V - 48V DC | | **Current per Phase** | ~0.6A to 1.2A | | **Step Angle** | 1.8° or 0.72° | | **Termination** | Connector type (R/F suffix indicates lead-free/RoHS compliance) | --- ### 2. Breakdown of the Part Number * **M8YV**: This prefix usually denotes the motor series or the frame size/winding configuration characteristic of high-torque, small-frame motors. * **066**: Refers to the stack length or the specific torque rating (66 usually represents a medium-length motor body). * **R/F**: * **R**: Often indicates "RoHS Compliant." * **F**: Can indicate a specific flange type or a lead-wire configuration (Flexible or Fixed). --- ### 3. Key Electronic Components Inside If this unit is an integrated "Motor + Driver" assembly, it contains several critical electronic sub-parts: 1. **H-Bridge Driver**: Utilizes MOSFETs to switch current through the motor windings in a specific sequence to create rotation. 2. **Logic Controller**: An MCU (Microcontroller) that interprets pulse and direction signals from a PLC or CNC controller. 3. **Current Sensing Resistors**: Low-ohm precision resistors used to monitor the current flow and prevent overheating. 4. **Optical Encoders (Optional)**: If the model supports closed-loop control, a glass or plastic disk with an LED/Phototransistor pair is used for position feedback. --- ### 4. Common Applications * **Medical Equipment**: Precision liquid handling and scanning. * **Semiconductor Manufacturing**: Wafer transport and positioning. * **Office Automation**: High-end printers and sorting machines. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout diagram for the M8YV-066-R/F connector?
    • ⤷ Which driver is compatible with this specific motor model?
    • ⤷ What are the mounting dimensions for this part?