Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8YV-499-R

  • AI
    Based on the part number **M8YV-499-R**, this component is a **high-precision thin-film resistor** typically manufactured by companies like Susumu or similar precision component specialists. --- ### 1. Technical Specifications The part number follows a specific nomenclature used in precision electronics. Below is the breakdown of its core characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Thin Film Resistor | High stability and low noise performance. | | **Resistance Value** | 49.9 $\Omega$ | Decoded from "499" (499 x 10^0). | | **Tolerance** | $\pm$ 0.1% or 0.5% | Typically "R" indicates a specific tolerance or taping style. | | **Case Size** | 0805 (Metric 2012) | "M8" often denotes the metric size code. | | **RoHS Status** | Compliant | Lead-free and environmentally safe. | --- ### 2. Key Internal Components The construction of the M8YV series involves specialized layers to ensure accuracy: 1. **Substrate:** Usually a high-grade Alumina ($Al_2O_3$) ceramic base for thermal dissipation. 2. **Resistive Layer:** A thin film of Nickel-Chromium (NiCr) alloy sputtered onto the substrate. 3. **Protective Coating:** An epoxy or glass-based overcoat to protect against moisture and oxidation. 4. **Terminations:** Multi-layer end electrodes (usually Silver/Nickel/Tin) for reliable soldering. --- ### 3. Common Applications Due to the precision and stability of these parts, they are frequently used in: * **Medical Equipment:** Monitoring devices requiring high signal integrity. * **Industrial Automation:** Sensor interfaces and control loops. * **Telecommunications:** High-frequency base stations and switching equipment. * **Test & Measurement:** Calibration tools and multimeters. --- ### 4. Part Number Breakdown Example While specific manufacturer prefixes vary slightly, the "M8YV" series generally follows this logic: ```text M8YV - 499 - R | | | | | +-- Packaging/Tolerance (e.g., Reel/Tape) | +-------- Resistance Value (49.9 Ohms) +--------------- Series/Size Code (0805 Precision) ```
    ✨ Follow-up Questions
    • ⤷What is the power rating for the M8YV-499-R?
    • ⤷ How does thin film compare to thick film resistors in noise performance?
    • ⤷ What is the typical Temperature Coefficient of Resistance (TCR) for this part?