M8YV-Z44-R
AI

Based on the part number **M8YV-Z44-R**, this component is a specific configuration of an **M8 Circular Connector**, typically used in industrial automation for sensors and actuators.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
## 1. Component Identification
The part number follows the standard nomenclature for industrial circular connectors.
| Specification | Details |
| :--- | :--- |
| **Connector Type** | M8 (Metric 8mm thread) |
| **Gender** | Often designates a female socket (YV series) |
| **Pin Configuration** | 4-Pin (indicated by the '44' code) |
| **Orientation** | Right-Angle (indicated by the 'R') |
| **Mounting** | PCB Mount / Through-hole |
---
## 2. Key Electronic Features
### Electrical Ratings
* **Voltage Rating:** Generally rated for **30V AC/DC** (standard for 4-pin M8).
* **Current Rating:** Typically **3A to 4A** per contact.
* **Insulation Resistance:** $\ge 100 \, M\Omega$.
* **Contact Resistance:** $\le 10 \, m\Omega$.
### Material Composition
* **Contacts:** Brass or Phosphor Bronze with **Gold (Au) plating** to prevent oxidation and ensure signal integrity.
* **Housing:** Liquid Crystal Polymer (LCP) or PBT (Polybutylene Terephthalate) for high thermal resistance during soldering.
* **Shielding:** Metal shell (usually Nickel-plated brass) for EMI/RFI protection.
---
## 3. Physical & Environmental Attributes
### Right-Angle Design (R)
The "R" suffix indicates a **90-degree bend**. This is crucial for:
1. **Space Saving:** Low-profile integration on printed circuit boards (PCBs).
2. **Cable Routing:** Allows cables to run parallel to the board rather than protruding vertically.
### IP Rating
When properly mated, these connectors usually provide **IP67 protection**, making them dust-tight and resistant to water immersion.
---
## 4. Typical Applications
* **Sensors:** Proximity, photoelectric, and ultrasonic sensors.
* **Actuators:** Small solenoid valves and motor controllers.
* **I/O Boxes:** Compact distribution modules in factory automation.
* **Robotics:** End-of-arm tooling where space is limited.
- ⤷
What is the exact footprint dimensions for the PCB layout of this M8 connector?
- ⤷ Are there 3-pin or 5-pin variants available in the same M8YV series?
- ⤷ What is the recommended soldering temperature profile for the M8YV-Z44-R?