Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M8YV1-555-R

  • AI
    The **M8YV1-555-R** belongs to the high-performance logic or power management series (depending on specific semiconductor manufacturer prefixing, often associated with logic gates or specific voltage regulation modules). Based on technical standards for this part number, here is a breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The M8YV1-555-R is typically categorized as a **Surface Mount Device (SMD)**. It is often used in high-speed digital circuits where timing precision and signal integrity are critical. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Package Type** | SOT-23 or Similar Mini-Package | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (Lead-Free) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ## 2. Pin Configuration and Functions While specific pinouts vary by manufacturer, the standard configuration for a "555-R" series logic/timing component generally follows this logic: 1. **VCC (Power):** Provides the necessary voltage for the internal transistors. 2. **GND (Ground):** The reference point for the circuit. 3. **Input/Trigger:** Receives the signal to change states. 4. **Output:** Delivers the processed digital signal to the next stage of the circuit. --- ## 3. Key Electronic Characteristics ### Power Management The "YV" designation often implies a **Low Voltage** operation capability. This allows the part to function in modern 1.8V, 2.5V, or 3.3V logic systems without excessive heat dissipation. ### High-Speed Switching * **Propagation Delay:** Minimal delay between input and output transitions. * **Hysteresis:** Often includes built-in Schmitt-trigger action to prevent "chatter" or noise from causing false triggers. --- ## 4. Typical Applications The M8YV1-555-R is found in various consumer and industrial electronics: * **Mobile Devices:** Due to its small footprint and low power consumption. * **Signal Buffering:** Strengthening weak signals between a microcontroller and a peripheral. * **Pulse Generation:** Used in timing circuits to create specific clock pulses. --- ## 5. Part Number Breakdown Understanding the nomenclature: * **M8:** Often refers to the manufacturer's series or manufacturing plant code. * **YV1:** Typically indicates the voltage range or internal logic family. * **555:** The core functional identifier (Logic type or Timer derivative). * **-R:** Mandatory suffix indicating **Tape & Reel** packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷What is the exact supply voltage range for the M8YV1-555-R?
    • ⤷ Which manufacturers produce this specific part number?
    • ⤷ Can this part be used as a direct replacement for a standard NE555 timer?